Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGM811-RXKA4/TR Datasheet(PDF) 3 Page - SG Micro Corp

Part # SGM811-RXKA4/TR
Description  Microprocessor Supervisory with Manual Reset Input
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM811-RXKA4/TR Datasheet(HTML) 3 Page - SG Micro Corp

  SGM811-RXKA4/TR Datasheet HTML 1Page - SG Micro Corp SGM811-RXKA4/TR Datasheet HTML 2Page - SG Micro Corp SGM811-RXKA4/TR Datasheet HTML 3Page - SG Micro Corp SGM811-RXKA4/TR Datasheet HTML 4Page - SG Micro Corp SGM811-RXKA4/TR Datasheet HTML 5Page - SG Micro Corp SGM811-RXKA4/TR Datasheet HTML 6Page - SG Micro Corp SGM811-RXKA4/TR Datasheet HTML 7Page - SG Micro Corp SGM811-RXKA4/TR Datasheet HTML 8Page - SG Micro Corp SGM811-RXKA4/TR Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Microprocessor Supervisory
with Manual Reset Input
SGM811/812
ELECTRICAL CHARACTERISTICS
(VCC TYP = 5V for L/M/J Models, 3.3V for T/S Models, 3V for R Models, 2.5V for Z Models, 1.8V for X Models; unless otherwise
noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY
Voltage
TA = 0
℃ to +70℃
1.0
5.5
V
TA = -40
℃ to +125℃
1.2
5.5
V
Current
VCC < 5.5V, SGM81_L/M/J, TA = +25
℃
17
30
μA
VCC < 5.5V, SGM81_L/M/J, TA = -40
℃ to +125℃
50
μA
VCC < 3.6V, SGM81_R/S/T/Z/X, TA = +25
℃
13
25
μA
VCC < 3.6V, SGM81_R/S/T/Z/X, TA = -40
℃ to +125℃
45
μA
RESET VOLTAGE THRESHOLD
SGM81_L
TA = +25
℃
4.537
4.63
4.723
V
TA = -40
℃ to +125℃
4.40
4.86
V
SGM81_M
TA = +25
℃
4.292
4.38
4.468
V
TA = -40
℃ to +125℃
4.16
4.56
V
SGM81_J
TA = +25
℃
3.92
4.00
4.08
V
TA = -40
℃ to +125℃
3.8
4.2
V
SGM81_T
TA = +25
℃
3.003
3.08
3.157
V
TA = -40
℃ to +125℃
2.92
3.23
V
SGM81_S
TA = +25
℃
2.857
2.93
3.003
V
TA = -40
℃ to +125℃
2.78
3.08
V
SGM81_R
TA = +25
℃
2.564
2.63
2.696
V
TA = -40
℃ to +125℃
2.50
2.76
V
SGM81_Z
TA = +25
℃
2.262
2.32
2.378
V
TA = -40
℃ to +125℃
2.22
2.42
V
SGM811X
TA = +25
℃
1.589
1.63
1.671
V
TA = -40
℃ to +125℃
1.55
1.71
V
Reset Threshold Temperature Coefficient
30
ppm/°C
VCC to RESET/
RESET Delay
VCC = VTH to (VTH - 100mV)
20
μs
Reset Active Timeout Period
TA = -40
℃ to +85℃
150
240
560
ms
TA = -40
℃ to +125℃
100
840
ms
MANUAL RESET
Minimum Pulse Width
10
μs
Glitch Immunity
100
ns
RESET/
RESET Propagation Delay
0.5
μs
Pull-Up Resistance
1
MΩ
The Manual Reset Circuit Will Act On:
An Input Rising Above
VCC > VTH(MAX), SGM81_L/M/J
2.3
V
An Input Falling Below
VCC > VTH(MAX), SGM81_L/M/J
0.8
V
An Input Rising Above
VCC > VTH(MAX), SGM81_R/S/T/Z/X
0.7 × VCC
V
An Input Falling Below
VCC > VTH(MAX), SGM81_R/S/T/Z/X
0.25 × VCC
V
3
SG Micro Corp
www.sg-micro.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com