Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGM811-RXKA4/TR Datasheet(PDF) 2 Page - SG Micro Corp

Part # SGM811-RXKA4/TR
Description  Microprocessor Supervisory with Manual Reset Input
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM811-RXKA4/TR Datasheet(HTML) 2 Page - SG Micro Corp

  SGM811-RXKA4/TR Datasheet HTML 1Page - SG Micro Corp SGM811-RXKA4/TR Datasheet HTML 2Page - SG Micro Corp SGM811-RXKA4/TR Datasheet HTML 3Page - SG Micro Corp SGM811-RXKA4/TR Datasheet HTML 4Page - SG Micro Corp SGM811-RXKA4/TR Datasheet HTML 5Page - SG Micro Corp SGM811-RXKA4/TR Datasheet HTML 6Page - SG Micro Corp SGM811-RXKA4/TR Datasheet HTML 7Page - SG Micro Corp SGM811-RXKA4/TR Datasheet HTML 8Page - SG Micro Corp SGM811-RXKA4/TR Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Microprocessor Supervisory
with Manual Reset Input
SGM811/812
PACKAGE/ORDERING INFORMATION
ORDERING
NUMBER
RESET
THRESHOLD
(V)
PECKAGE
TYPE
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING
PACKING
OPTION
SGM811-LXN5/TR
4.63
SOT-23-5
-40℃ to +125℃
811L
Tape and Reel, 3000
SGM811-MXN5/TR
4.38
SOT-23-5
-40℃ to +125℃
811M
Tape and Reel, 3000
SGM811-JXN5/TR
4.00
SOT-23-5
-40℃ to +125℃
811J
Tape and Reel, 3000
SGM811-TXN5/TR
3.08
SOT-23-5
-40℃ to +125℃
811T
Tape and Reel, 3000
SGM811-SXN5/TR
2.93
SOT-23-5
-40℃ to +125℃
811S
Tape and Reel, 3000
SGM811-RXN5/TR
2.63
SOT-23-5
-40℃ to +125℃
811R
Tape and Reel, 3000
SGM811-ZXN5/TR
2.32
SOT-23-5
-40℃ to +125℃
811Z
Tape and Reel, 3000
SGM811-LXKA4/TR
4.63
SOT-143
-40℃ to +125℃
811L
Tape and Reel, 3000
SGM811-MXKA4/TR
4.38
SOT-143
-40℃ to +125℃
811M
Tape and Reel, 3000
SGM811-JXKA4/TR
4.00
SOT-143
-40℃ to +125℃
811J
Tape and Reel, 3000
SGM811-TXKA4/TR
3.08
SOT-143
-40℃ to +125℃
811T
Tape and Reel, 3000
SGM811-SXKA4/TR
2.93
SOT-143
-40℃ to +125℃
811S
Tape and Reel, 3000
SGM811-RXKA4/TR
2.63
SOT-143
-40℃ to +125℃
811R
Tape and Reel, 3000
SGM811-ZXKA4/TR
2.32
SOT-143
-40℃ to +125℃
811Z
Tape and Reel, 3000
SGM811-XXKA4/TR
1.63
SOT-143
-40℃ TO +125℃
811X
Tape and Reel, 3000
SGM812-LXN5/TR
4.63
SOT-23-5
-40℃ to +125℃
812L
Tape and Reel, 3000
SGM812-M XN5/TR
4.38
SOT-23-5
-40℃ to +125℃
812M
Tape and Reel, 3000
SGM812-JXN5/TR
4.00
SOT-23-5
-40℃ to +125℃
812J
Tape and Reel, 3000
SGM812-TXN5/TR
3.08
SOT-23-5
-40℃ to +125℃
812T
Tape and Reel, 3000
SGM812-SXN5/TR
2.93
SOT-23-5
-40℃ to +125℃
812S
Tape and Reel, 3000
SGM812-RXN5/TR
2.63
SOT-23-5
-40℃ to +125℃
812R
Tape and Reel, 3000
SGM812-ZXN5/TR
2.32
SOT-23-5
-40℃ to +125℃
812Z
Tape and Reel, 3000
SGM812-LXKA4/TR
4.63
SOT-143
-40℃ to +125℃
812L
Tape and Reel, 3000
SGM812-MXKA4/TR
4.38
SOT-143
-40℃ to +125℃
812M
Tape and Reel, 3000
SGM812-JXKA4/TR
4.00
SOT-143
-40℃ to +125℃
812J
Tape and Reel, 3000
SGM812-TXKA4/TR
3.08
SOT-143
-40℃ to +125℃
812T
Tape and Reel, 3000
SGM812-SXKA4/TR
2.93
SOT-143
-40℃ to +125℃
812S
Tape and Reel, 3000
SGM812-RXKA4/TR
2.63
SOT-143
-40℃ to +125℃
812R
Tape and Reel, 3000
SGM812-ZXKA4/TR
2.32
SOT-143
-40℃ to +125℃
812Z
Tape and Reel, 3000
2
SG Micro Corp
www.sg-micro.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com