Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGM811-RXKA4/TR Datasheet(PDF) 5 Page - SG Micro Corp

Part # SGM811-RXKA4/TR
Description  Microprocessor Supervisory with Manual Reset Input
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM811-RXKA4/TR Datasheet(HTML) 5 Page - SG Micro Corp

  SGM811-RXKA4/TR Datasheet HTML 1Page - SG Micro Corp SGM811-RXKA4/TR Datasheet HTML 2Page - SG Micro Corp SGM811-RXKA4/TR Datasheet HTML 3Page - SG Micro Corp SGM811-RXKA4/TR Datasheet HTML 4Page - SG Micro Corp SGM811-RXKA4/TR Datasheet HTML 5Page - SG Micro Corp SGM811-RXKA4/TR Datasheet HTML 6Page - SG Micro Corp SGM811-RXKA4/TR Datasheet HTML 7Page - SG Micro Corp SGM811-RXKA4/TR Datasheet HTML 8Page - SG Micro Corp SGM811-RXKA4/TR Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Microprocessor Supervisory
with Manual Reset Input
SGM811/812
ABSOLUTE MAXIMUM RATINGS
(Typical values are at TA = +25°C, unless otherwise noted.)
Terminal Voltage (With Respect to Ground)
VCC.............................................................................-0.3V to 6V
All Other Inputs.............................................-0.3V to VCC + 0.3V
Input Current
VCC, MR .............................................................................20mA
Output Current
RESET, RESET .................................................................20mA
Power Dissipation, PD @ TA = +25
℃
SOT-23-5.............................................................................0.4W
SOT-143........................................................................... 0.32W
Operating Temperature Range.........................-40
℃ to +125℃
Junction Temperature.......................................................150
℃
Storage Temperature........................................-65
℃ to +150℃
Lead Temperature (Soldering, 10s)...................................260
℃
ESD Susceptibility
HBM..................................................................................4000V
MM......................................................................................400V
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
CAUTION
This integrated circuit can be damaged by ESD if you don’t pay attention to ESD protection. SGMICRO recommends that all
integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause
damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
SGMICRO reserves the right to make any change in circuit design, specification or other related things if necessary without notice at
any time. Please contact SGMICRO sales office to get the latest datasheet.
PIN DESCRIPTION
NAME
PIN NUMBER
FUNCTION
SGM811
SGM812
SOT-143 SOT-23-5 SOT-143 SOT-23-5
GND
1
1
1
1
Ground
NC
2
2
No Connect.
RESET
2
3
—
—
Active Low Logic Output. RESET remains low while VCC is below
the reset threshold or when MR is low; RESET then remains low
for at least 150ms after VCC rises above the reset threshold.
RESET
—
—
2
3
Active High Logic Output. RESET remains high while VCC is
below the reset threshold or when MR is low; RESET then
remains high for 240ms (typical) after VCC rises above the reset
threshold.
MR
3
4
3
4
Manual Reset. This active low debounced input will ignore input
pulses of 100ns or less (typical) and is guaranteed to accept input
pulses of greater than 10μs. Leave floating when not used.
VCC
4
5
4
5
Power supply voltage that is monitored.
5
SG Micro Corp
www.sg-micro.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com