Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGM811-RXKA4/TR Datasheet(PDF) 4 Page - SG Micro Corp

Part # SGM811-RXKA4/TR
Description  Microprocessor Supervisory with Manual Reset Input
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM811-RXKA4/TR Datasheet(HTML) 4 Page - SG Micro Corp

  SGM811-RXKA4/TR Datasheet HTML 1Page - SG Micro Corp SGM811-RXKA4/TR Datasheet HTML 2Page - SG Micro Corp SGM811-RXKA4/TR Datasheet HTML 3Page - SG Micro Corp SGM811-RXKA4/TR Datasheet HTML 4Page - SG Micro Corp SGM811-RXKA4/TR Datasheet HTML 5Page - SG Micro Corp SGM811-RXKA4/TR Datasheet HTML 6Page - SG Micro Corp SGM811-RXKA4/TR Datasheet HTML 7Page - SG Micro Corp SGM811-RXKA4/TR Datasheet HTML 8Page - SG Micro Corp SGM811-RXKA4/TR Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Microprocessor Supervisory
with Manual Reset Input
SGM811/812
ELECTRICAL CHARACTERISTICS
(VCC TYP = 5V for L/M/J Models, 3.3V for T/S Models, 3V for R Models, 2.5V for Z Models, 1.8V for X Models; unless otherwise
noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESET/RESET OUTPUT VOLTAGE
Low (SGM811R/S/T/Z/X)
VCC = VTH(MIN), ISINK = 1.2mA
0.3
V
Low (SGM811L/M/J)
VCC = VTH(MIN), ISINK = 3.2mA
0.4
V
Low (SGM811R/S/T/Z/X/L/M/J)
VCC > 1.0V, ISINK = 50μA
0.3
V
High (SGM811R/S/T/Z/X)
VCC > VTH(MAX), ISOURCE = 500μA
0.8 × VCC
V
High (SGM811L/M/J)
VCC > VTH(MAX), ISOURCE = 800μA
VCC - 1.5
V
Low (SGM812R/S/T/Z/X)
VCC = VTH(MAX), ISINK = 1.2mA
0.3
V
Low (SGM812L/M/J)
VCC = VTH(MAX), ISINK = 3.2mA
0.4
V
High (SGM812 R/S/T/Z/X/L/M/J)
1.8 V < VCC < VTH(MIN), ISOURCE = 150μA
0.8 × VCC
V
4
SG Micro Corp
www.sg-micro.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com