Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRD15-D Datasheet(PDF) 4 Page - CUI INC

Part # PRD15-D
Description  DC-DC CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PRD15-D Datasheet(HTML) 4 Page - CUI INC

  PRD15-D Datasheet HTML 1Page - CUI INC PRD15-D Datasheet HTML 2Page - CUI INC PRD15-D Datasheet HTML 3Page - CUI INC PRD15-D Datasheet HTML 4Page - CUI INC PRD15-D Datasheet HTML 5Page - CUI INC PRD15-D Datasheet HTML 6Page - CUI INC PRD15-D Datasheet HTML 7Page - CUI INC PRD15-D Datasheet HTML 8Page - CUI INC PRD15-D Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
cui.com
date 03/28/2016
│ page 4 of 14
CUI Inc
│ SERIES: PRD15 │ DESCRIPTION: DC-DC CONVERTER
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
wave soldering
for Sn/Ag/Cu based solders (for through hole
models):
preheat temperature
solder pot temperature
solder dwell time
115
270
7
°C
°C
s
reflowsoldering
reflowsolderprofilebelowissuitableforSAC305
type lead-free solders (for surface mount models)
245
260
°C
260
240
220
180
160
140
120
100
80
60
40
20
Time (minutes)
0
1
2
3
4
5
6
7
optimal peak 245 ˚C, max peak 260 ˚C
TAL at 60 seconds (range 45-75 seconds)
SAC305 liquidus at 219 °C
ramp at 1 °C/second across liquidus
adjust
ra
mp
for
so
ak
if
required
keep
ra
mp
ra
tes
under
2
°C/secon
d
cooling rate 2-3 °C/second
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
through hole: 1.10 x 0.96 x 0.33 [27.9 x 24.4 x 8.4 mm]
surface mount: 1.10 x 0.96 x 0.33 [27.9 x 24.4 x 8.4 mm]
inches
inches
weight
through hole mount models
surface mount models
10
10.2
g
g
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com