Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRD15-D Datasheet(PDF) 8 Page - CUI INC

Part # PRD15-D
Description  DC-DC CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PRD15-D Datasheet(HTML) 8 Page - CUI INC

Back Button PRD15-D Datasheet HTML 4Page - CUI INC PRD15-D Datasheet HTML 5Page - CUI INC PRD15-D Datasheet HTML 6Page - CUI INC PRD15-D Datasheet HTML 7Page - CUI INC PRD15-D Datasheet HTML 8Page - CUI INC PRD15-D Datasheet HTML 9Page - CUI INC PRD15-D Datasheet HTML 10Page - CUI INC PRD15-D Datasheet HTML 11Page - CUI INC PRD15-D Datasheet HTML 12Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
cui.com
date 03/28/2016
│ page 8 of 14
CUI Inc
│ SERIES: PRD15 │ DESCRIPTION: DC-DC CONVERTER
50
55
60
65
70
75
80
85
90
00.5
11.5
22.5
33.5
4
Load Current (Amps)
Vin = 24 V
Vin = 36 V
Vin = 9 V
Vin = 18 V
EFFICIENCY CURVES
PRD15-Q24-S3EfficiencyCurve
(Efficiencyvs.LineVoltageandLoadCurrent@25°C)
50
55
60
65
70
75
80
85
90
Load Current (Amps)
12
345
Vin = 75 V
Vin = 18 V
Vin = 48 V
PRD15-Q48-S3EfficiencyCurve
(Efficiencyvs.LineVoltageandLoadCurrent@25°C)
Load Current (Amps)
10
20
30
40
50
60
70
80
90
100
0.25
0.50.751
1.25
1.51.752
2.25
2.52.753
Vin = 24 V
Vin = 36 V
Vin = 9 V
Vin = 18 V
PRD15-Q24-S5EfficiencyCurve
(Efficiencyvs.LineVoltageandLoadCurrent@25°C)
Load Current (Amps)
100
90
80
70
60
50
40
30
20
10
0
0
0.5
1
1.5
2
2.5
3
Vin = 36 V
Vin = 75 V
Vin = 18 V
Vin = 24 V
PRD15-Q48-S5EfficiencyCurve
(Efficiencyvs.LineVoltageandLoadCurrent@25°C)
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com