Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRD15-D Datasheet(PDF) 12 Page - CUI INC

Part # PRD15-D
Description  DC-DC CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PRD15-D Datasheet(HTML) 12 Page - CUI INC

Back Button PRD15-D Datasheet HTML 6Page - CUI INC PRD15-D Datasheet HTML 7Page - CUI INC PRD15-D Datasheet HTML 8Page - CUI INC PRD15-D Datasheet HTML 9Page - CUI INC PRD15-D Datasheet HTML 10Page - CUI INC PRD15-D Datasheet HTML 11Page - CUI INC PRD15-D Datasheet HTML 12Page - CUI INC PRD15-D Datasheet HTML 13Page - CUI INC PRD15-D Datasheet HTML 14Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
cui.com
date 03/28/2016
│ page 12 of 14
CUI Inc
│ SERIES: PRD15 │ DESCRIPTION: DC-DC CONVERTER
TEST CONFIGURATIONS
Input Ripple Current & Output Noise
AllmodelsaretestedandspecifiedforinputreflectedripplecurrentandoutputnoiseasperlayoutsshowninFigures1&
2.TheCbusandLbuscomponentssimulateatypicalDCvoltagebus.However,yourspecificsystemconfigurationmay
require additional considerations.
Figure 1 Measuring Input Ripple Current
Table 1
C
IN
33µF,ESR<700mΩ@100kHz
C
BUS
220µF,ESR<100mΩ@100kHz
L
BUS
12µH
CIN
VIN
CBUS
LBUS
+VIN
-VIN
CURRENT
PROBE
TO
OSCILLOSCOPE
+
–
+
–
Figure 2 Measuring Output Ripple and noise
(PARD)
Table 2
C1
1µF
C2
10µF
load 2-3 inches (51-76mm) from module
C1
C2
RLOAD
SCOPE
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com