Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRD15-D Datasheet(PDF) 11 Page - CUI INC

Part # PRD15-D
Description  DC-DC CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PRD15-D Datasheet(HTML) 11 Page - CUI INC

Back Button PRD15-D Datasheet HTML 6Page - CUI INC PRD15-D Datasheet HTML 7Page - CUI INC PRD15-D Datasheet HTML 8Page - CUI INC PRD15-D Datasheet HTML 9Page - CUI INC PRD15-D Datasheet HTML 10Page - CUI INC PRD15-D Datasheet HTML 11Page - CUI INC PRD15-D Datasheet HTML 12Page - CUI INC PRD15-D Datasheet HTML 13Page - CUI INC PRD15-D Datasheet HTML 14Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
cui.com
date 03/28/2016
│ page 11 of 14
CUI Inc
│ SERIES: PRD15 │ DESCRIPTION: DC-DC CONVERTER
PACKAGING (SURFACE MOUNT)
0.909
23.10
32.00
1.260
2.00
0.079
0.118
3.00
13.0
R.256
DIRECTION OF FEED
5.0mm PICK &
PLACE LOCATION
2.20
56.0
COVER TAPE
0.365
9.27
units: inches [mm]
Tape&Reel:ConformstoEIA-481
Reel Size: Ø13”
QTY:100pcsperreel
Note:TheSMTpackagehasanMSL2rating
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com