Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS22 Datasheet(PDF) 3 Page - Broadcom Corporation.

Part # AS22
Description  Compact size 횠22 횞 10.9 mm
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AS22 Datasheet(HTML) 3 Page - Broadcom Corporation.

  AS22 Datasheet HTML 1Page - Broadcom Corporation. AS22 Datasheet HTML 2Page - Broadcom Corporation. AS22 Datasheet HTML 3Page - Broadcom Corporation. AS22 Datasheet HTML 4Page - Broadcom Corporation. AS22 Datasheet HTML 5Page - Broadcom Corporation. AS22 Datasheet HTML 6Page - Broadcom Corporation. AS22 Datasheet HTML 7Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Broadcom
AS22-Kit-Encoder-DS102
3
AS22 Series Data Sheet
Miniature Kit Encoder
Absolute Maximum Ratings
Output Waveform
Parameter
Storage Temperature, TS
–40°C to +100°C
Operating Temperature, TA
–20°C to +100°C
Supply Voltage, VCC
–0.5V to +7V
Output Voltage, VO
–0.5V to VCC
Output Current per Channel, IOUT (single ended)
±1.5 mA
Output Current per Channel, IOUT (differential line drivers)
±20 mA
Vibration (JEDEC JESD22-B103)
20G, 20 Hz to 2000 Hz
Mechanical Shock (JEDEC JESD22-B110)
1500G (peak), 0.5-ms pulse duration, half sine
Relative Humidity
60°C, 90%RH
ESD, IEC 61000-4-2, Air discharge (TTL and differential)
±15 kV
P
S1
S2
S3
S4
I
I
Index of 90 e° option
Index of 180 e° option
A
B
Index
Index
Viewing
direction
Ch A leads Ch B for clockwise direction, viewed from cover side of the encoder



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com