Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS22 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # AS22
Description  Compact size 횠22 횞 10.9 mm
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AS22 Datasheet(HTML) 2 Page - Broadcom Corporation.

  AS22 Datasheet HTML 1Page - Broadcom Corporation. AS22 Datasheet HTML 2Page - Broadcom Corporation. AS22 Datasheet HTML 3Page - Broadcom Corporation. AS22 Datasheet HTML 4Page - Broadcom Corporation. AS22 Datasheet HTML 5Page - Broadcom Corporation. AS22 Datasheet HTML 6Page - Broadcom Corporation. AS22 Datasheet HTML 7Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Broadcom
AS22-Kit-Encoder-DS102
2
AS22 Series Data Sheet
Miniature Kit Encoder
Package Dimensions
Mounting Considerations
All dimensions are in mm.
NOTE: 1. No maximum shaft length limit for cover with hole option.
Pin Configuration
NOTE: Mating connector is JST Socket 08SR-3S, wire
AWG #30 or JST SHR-08V-S-B/SHR-08V-S with
contact SSH-003T-P0.2-H for wire AWG#32~28 .
Pin
Differential
Single Ended (TTL)
1GND
GND
2Ch A+
Ch A+
3Ch A–
NA
4
Vcc
Vcc
5Ch B+
Ch B+
6Ch B-
NA
7a
a. Only applicable to 3 channel options.
Ch I+
Ch I+
8a
Ch I–
NA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com