Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS22 Datasheet(PDF) 4 Page - Broadcom Corporation.

Part # AS22
Description  Compact size 횠22 횞 10.9 mm
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AS22 Datasheet(HTML) 4 Page - Broadcom Corporation.

  AS22 Datasheet HTML 1Page - Broadcom Corporation. AS22 Datasheet HTML 2Page - Broadcom Corporation. AS22 Datasheet HTML 3Page - Broadcom Corporation. AS22 Datasheet HTML 4Page - Broadcom Corporation. AS22 Datasheet HTML 5Page - Broadcom Corporation. AS22 Datasheet HTML 6Page - Broadcom Corporation. AS22 Datasheet HTML 7Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Broadcom
AS22-Kit-Encoder-DS102
4
AS22 Series Data Sheet
Miniature Kit Encoder
Recommended Operating Conditions
Encoding Characteristics
Encoding characteristics over recommended operating range and recommended mounting tolerances unless otherwise
specified.
Single-Ended Electrical Characteristics
Electrical characteristics over recommended operating condition at 25°C.
Parameter
Sym.
Min.
Typ.
Max.
Unit
Notes
Ambient Temperature
TA
–20
—
+100
°C
Supply Voltage
VCC
4.5
5.0
5.5
V
Ripple < 100 mVp-p
Max RPM
—
—
4800k/cpr
360 cpr to 512 cpr
9600k/cpr
1000 cpr and 1024 cpr
19200k/cpr
2000 cpr and 2048 cpr
Parameter
Sym.
Min.
Typ.
Max.
Unit
Notes
Pulse Width Error
ΔP
—
10
20
e
360 cpr to 512 cpr
—15
25
e
1000 cpr and 1024 cpr
—20
45
e
2000 cpr and 2048 cpr
Logic State Width Error
ΔS
—
5
15
e
360 cpr to 512 cpr
—10
25
e
1000 cpr and 1024 cpr
—15
40
e
2000 cpr and 2048 cpr
Index Width Error
ΔI
—
5
40
e180e index
—5
15
e90e index
Parameter
Sym.
Min.
Typ.
Max.
Unit
Notes
Supply Current
Icc
—
23
35
mA
No load
High Level Output Voltage
VOH
2.4
—
—
V
IOH = –1.5mA
Low Level Output Voltage
VOL
——
0.4
V
IOL = +1.5mA
Output Current per Channel
Io
—
—
1.5
mA
Rise Time
tr
—
<100
—
ns
CL= 25 pF
RL= 2.7 kΩ
Fall Time
tf
—
<100
—
ns
Rise Time
tr
—
<65
—
ns
No load
Fall Time
tf
—<90
—
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com