Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS22 Datasheet(PDF) 5 Page - Broadcom Corporation.

Part # AS22
Description  Compact size 횠22 횞 10.9 mm
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AS22 Datasheet(HTML) 5 Page - Broadcom Corporation.

  AS22 Datasheet HTML 1Page - Broadcom Corporation. AS22 Datasheet HTML 2Page - Broadcom Corporation. AS22 Datasheet HTML 3Page - Broadcom Corporation. AS22 Datasheet HTML 4Page - Broadcom Corporation. AS22 Datasheet HTML 5Page - Broadcom Corporation. AS22 Datasheet HTML 6Page - Broadcom Corporation. AS22 Datasheet HTML 7Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Broadcom
AS22-Kit-Encoder-DS102
5
AS22 Series Data Sheet
Miniature Kit Encoder
Differential Electrical Characteristics
Electrical characteristics over recommended operating condition at 25°C.
Mechanical Characteristics
Parameter
Sym.
Min.
Typ.
Max.
Unit
Notes
Supply Current
ICC
—
35
60
mA
No load
High Level Output Voltage
VOH
2.4
—
—
V
IOH = –20 mA
Low Level Output Voltage
VOL
——
0.4
V
IOL = +20 mA
Output Current per Channel
IO
——
20
mA
Rise Time
tr
—
<220
—
ns
CL= 14 pF
RL= 2.7 kΩ
Fall Time
tf
—
<150
—
ns
Rise Time
tr
—
<35
—
ns
No load
Fall Time
tf
—<25
—
ns
Parameter
Remark
Dimension
Tolerance
Unit
Code Wheel Shaft Diameter
2, 3, 4, 5, 6
g6
mm
1/8, 5/32, 3/16, 1/4
in.
Max Shaft Lengtha
a. No limit for hole in cover option.
Including shaft axial play
10(0.395)
—
mm
Min Shaft Length
End of shaft chamfer
8.0(0.315)
—
mm
Shaft Axial Play
—
±0.25 (±0.01)
mm (in.)
Radial Play Including Shaft TIR
—
Ø0.15(0.006)
mm (in.)
Max Moment of Inertia for Code
Wheel Assembly
81.5
—
g.mm2
Hub Set Screw Torque
0.10 to 0.13
—
N.m
Mounting Screw Torque (2x M2.5)
0.10 to 0.23
—
N.m



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com