Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL2005P Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # ZL2005P
Description  Digital-DC??Controller with Drivers and POLA/DOSA Trim
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2005P Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button ZL2005P Datasheet HTML 33Page - Renesas Technology Corp ZL2005P Datasheet HTML 34Page - Renesas Technology Corp ZL2005P Datasheet HTML 35Page - Renesas Technology Corp ZL2005P Datasheet HTML 36Page - Renesas Technology Corp ZL2005P Datasheet HTML 37Page - Renesas Technology Corp ZL2005P Datasheet HTML 38Page - Renesas Technology Corp ZL2005P Datasheet HTML 39Page - Renesas Technology Corp ZL2005P Datasheet HTML 40Page - Renesas Technology Corp ZL2005P Datasheet HTML 41Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
ZL2005P
FN6849 Rev 3.00
Page 39 of 41
December 16, 2011
8
Ordering Information
Related Documentation
The following application support documents and tools are available to help simplify your design.
Revision History
PART NUMBER
(Notes 1, 2, 3, 4)
PART
MARKING
TEMP RANGE
(°C)
TAPE & REEL
QTY.
PACKAGE
(Pb-free)
PKG.
DWG. #
ZL2005PALRFT 2005P
-40 to +85
100
36 Ld 6x6 QFN, 0.5mm pitch L36.6X6C
ZL2005PALRFT1 2005P
-40 to +85
1000
36 Ld 6x6 QFN, 0.5mm pitch L36.6X6C
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate plus
anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ZL2005P. For more information on MSL please see tech brief TB363.
4. The “R” in the part number denotes firmware revision.
Item
Description
ZL2005PEVK4
Evaluation Kit: DC-DC Converter with Power Management
AN2010
Application Note: ZL2005 and ZL2105 Thermal and Layout Guidelines
AN2011
Application Note: ZL2005 Component Selection Guide
AN2013
Application Note: PMBus Command Set
AN2015
Application Note: ZL2005 Current Protection and Measurement
AN2016
Application Note: ZL2005 Digital Control Loop Compensation
AN2028
Application Note: Loading Configuration Files in a Manufacturing Environment
AN2022
Application Note: Autonomous Sequencing Technology
AN2023
Application Note: Voltage Tracking with the ZL2005
Revision Number
Description
Date
1.0
Initial Release
October 8, 2007
1.1
Updated Ordering Information
August 12, 2008
FN6849.0
Assigned file number FN6849 to datasheet as this will be the first
release with an Intersil file number. Replaced header and footer
with Intersil header and footer. Updated disclaimer information
to read "Intersil and it's subsidiaries including Zilker Labs, Inc."
No changes to datasheet content.
February 18, 2009
FN6849.0
Stamped datasheet “
Not Recommended For New Designs
Recommended Replacement Part ZL2006”. No file rev, no
date change, no changes to datasheet content.
August 5, 2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com