Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL2005P Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ZL2005P
Description  Digital-DC??Controller with Drivers and POLA/DOSA Trim
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2005P Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ZL2005P Datasheet HTML 17Page - Renesas Technology Corp ZL2005P Datasheet HTML 18Page - Renesas Technology Corp ZL2005P Datasheet HTML 19Page - Renesas Technology Corp ZL2005P Datasheet HTML 20Page - Renesas Technology Corp ZL2005P Datasheet HTML 21Page - Renesas Technology Corp ZL2005P Datasheet HTML 22Page - Renesas Technology Corp ZL2005P Datasheet HTML 23Page - Renesas Technology Corp ZL2005P Datasheet HTML 24Page - Renesas Technology Corp ZL2005P Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
ZL2005P
FN6849 Rev 3.00
Page 21 of 41
December 16, 2011
Figure 16. SYNC Pin Configurations
Configuration A: SYNC OUTPUT
When the SYNC pin is configured as an output (CFG
pin is tied HIGH), the device will operate from its inter-
nal oscillator and will drive the resulting internal oscilla-
tor signal (preset to 400 kHz) onto the SYNC pin so
other devices can be synchronized to it. The SYNC pin
will not be checked for an incoming clock signal while
in this configuration.
Configuration B: SYNC INPUT
When the SYNC pin is configured as an input (CFG pin
is tied LOW), the device will automatically check for a
clock signal on the SYNC pin each time EN is asserted.
The ZL2005P’s oscillator will then synchronize with the
rising edge of external clock.
The incoming clock signal must be in the range of 200
kHz to 1.4 MHz and must be stable when the enable pin
is asserted. The clock signal must also exhibit the neces-
sary performance requirements (see Table 3). In the
event of a loss of the external clock signal, the output
voltage may show transient over/undershoot.
If this happens, the ZL2005P will turn off the power
FETs (QH and QL in Figure 4) typically within 10
S.
Users are discouraged from removing an external SYNC
clock while the ZL2005P is operating with Enable
asserted.
Configuration C: SYNC AUTO DETECT
When the SYNC pin is configured in auto detect mode
(CFG pin is left OPEN), the device will automatically
check for a clock signal on the SYNC pin after enable is
asserted.
If a clock signal is present, The ZL2005P’s oscillator
will then synchronize the rising edge of the external
clock. Refer to SYNC INPUT description.
If no incoming clock signal is present, the ZL2005P will
configure the switching frequency according to the state
of the SYNC pin as listed in Table 16. In this mode, the
ZL2005P will only read the SYNC pin connection
during the start-up sequence. Changes to SYNC pin con-
nections will not affect fSW until the power (VDD) is
cycled off and on.
Table 16. Switching Frequency Selection
If the user wishes to run the ZL2005P at a frequency
other than those listed in Table 16, the switching fre-
quency can be set using an external resistor, RSYNC,
connected between SYNC and SGND using Table 17.
ZL
Logic
high
SYNC
200 kHz – 1.4 MHz
ZL
SYNC
200 kHz – 1.4 MHz
ZL
N/C
SYNC
200 kHz – 1.4 MHz
A) SYNC = output
B) SYNC = input
ZL
N/C
SYNC
ZL
RSYNC
N/C
SYNC
Logic
high
Logic
low
Open
C) SYNC = Auto Detect
OR
OR
SYNC Pin Setting
Frequency
LOW
200 kHz
OPEN
400 kHz
HIGH
1 MHz
Resistor
See Table 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com