Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL2005P Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ZL2005P
Description  Digital-DC??Controller with Drivers and POLA/DOSA Trim
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2005P Datasheet(HTML) 1 Page - Renesas Technology Corp

  ZL2005P Datasheet HTML 1Page - Renesas Technology Corp ZL2005P Datasheet HTML 2Page - Renesas Technology Corp ZL2005P Datasheet HTML 3Page - Renesas Technology Corp ZL2005P Datasheet HTML 4Page - Renesas Technology Corp ZL2005P Datasheet HTML 5Page - Renesas Technology Corp ZL2005P Datasheet HTML 6Page - Renesas Technology Corp ZL2005P Datasheet HTML 7Page - Renesas Technology Corp ZL2005P Datasheet HTML 8Page - Renesas Technology Corp ZL2005P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
FN6849 Rev 3.00
Page 1 of 41
December 16, 2011
FN6849
Rev 3.00
December 16, 2011
ZL2005P
Digital-DC™ Controller with Drivers and POLA/DOSA Trim
DATASHEET
Description
The ZL2005P is an innovative mixed-signal power
conversion and management IC that combines a com-
pact, efficient, synchronous DC-DC buck controller,
adaptive drivers and key power and thermal manage-
ment functions in one IC, providing flexibility and
scalability while decreasing board space requirements
and design complexity. Zilker Labs Digital-DC tech-
nology enables a unique blend of performance and
features not available in either traditional analog or
newer digital approaches, resolving the issues associ-
ated with providing multiple low-voltage power
domains on a single PCB.
The ZL2005P is designed to be configured either as a
standard ZL2005 or as POLA/DOSA compatible
device.
All operating features can be configured by simple
pin-strap selection, resistor selection or through the
on-board serial port. The PMBus™-compliant
ZL2005P uses the SMBus™ serial interface for com-
munication with other Digital-DC products or a host
controller.
Features Power Conversion
•
Efficient synchronous buck controller
•
3 V to 14 V input range
•
0.54 V to 5.5 V output range (with margin)
•
Optional output voltage setting with VADJ pin
•
± 1% output accuracy
•
Internal 3 A drivers support >40 A power stage
•
Fast load transient response
•
Phase interleaving
•
RoHS compliant (6 x 6 mm) QFN package
Power Management
•
Digital soft start/stop
•
Precision delay and ramp-up
•
Voltage tracking, sequencing and margining
•
Voltage/current/temperature monitoring
•I2C/SMBus communication
•
Output overvoltage and overcurrent protection
•
Internal non-voltatile memory (NVM)
•
PMBus compliant
Applications
•
Servers/storage equipment
•
Telecom/datacom equipment
•
Power supplies (memory, DSP, ASIC, FPGA)
Figure 1. Block Diagram
CURRENT
SENSE
LDO
TEMP
SENSOR
SS (0,1)
VTRK
MGN
VR VDD
BST
GH
SW
ISENA
ISENB
VADJ
POWER
DRIVER
XTEMP
PWM
GL
I2C
SCL
SDA
SALRT
SA (0,1)
MANAGEMENT
EN PG
CFG UVLO
DLY
(0,1)
ILIM
(0,1)
FC
(0,1)
MONITOR
CONTROLLER
V25
SYNC
PGND SGND DGND
ADC
NON-
VOLATILE
MEMORY
VSEN
NOT RECOMMENDED FOR NEW DESIGNS
RECOMMENDED REPLACEMENT PART
ZL6100


Similar Part No. - ZL2005P

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL2005P INTERSIL-ZL2005P Datasheet
491Kb / 40P
Digital-DC??Controller with Drivers and POLA/DOSA Trim
February 18, 2009
ZL2005P INTERSIL-ZL2005P Datasheet
1Mb / 41P
Digital-DC™ Controller with Drivers and POLA/DOSA Trim
December 16, 2011
ZL2005PALPFT INTERSIL-ZL2005PALPFT Datasheet
491Kb / 40P
Digital-DC??Controller with Drivers and POLA/DOSA Trim
February 18, 2009
ZL2005PALPFT1 INTERSIL-ZL2005PALPFT1 Datasheet
491Kb / 40P
Digital-DC??Controller with Drivers and POLA/DOSA Trim
February 18, 2009
ZL2005PALRFT INTERSIL-ZL2005PALRFT Datasheet
1Mb / 41P
Digital-DC™ Controller with Drivers and POLA/DOSA Trim
December 16, 2011
More results

Similar Description - ZL2005P

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL2005P INTERSIL-ZL2005P Datasheet
491Kb / 40P
Digital-DC??Controller with Drivers and POLA/DOSA Trim
February 18, 2009
ZL2006 INTERSIL-ZL2006 Datasheet
959Kb / 45P
Adaptive Digital DC-DC Controller with Drivers and Current Sharing
February 18, 2009
ZL6100 INTERSIL-ZL6100 Datasheet
540Kb / 33P
Adaptive Digital DC/DC Controller with Drivers and Current Sharing
September 8, 2009
ZL6105 INTERSIL-ZL6105 Datasheet
1Mb / 35P
Digital DC/DC Controller with Drivers and Auto
February 8, 2011
logo
Murata Manufacturing Co...
UWQ-12-Q48T-C MURATA-UWQ-12-Q48T-C Datasheet
895Kb / 17P
Wide Input, Isolated DOSA Quarter Brick DC-DC Converters with Trim and Sense
logo
Intersil Corporation
ZL2005PALRFT INTERSIL-ZL2005PALRFT Datasheet
1Mb / 41P
Digital-DC™ Controller with Drivers and POLA/DOSA Trim
December 16, 2011
ZL2006 INTERSIL-ZL2006_14 Datasheet
776Kb / 45P
Adaptive Digital DC-DC Controller with Drivers and Current Sharing
December 15, 2010
ZL6100ALAF INTERSIL-ZL6100ALAF Datasheet
803Kb / 34P
Adaptive Digital DC/DC Controller with Drivers and Current Sharing
August 29, 2012
ZL6105ALAF INTERSIL-ZL6105ALAF Datasheet
943Kb / 35P
Digital DC/DC Controller with Drivers and Auto Compensation
December 19, 2013
logo
Renesas Technology Corp
ZL6105 RENESAS-ZL6105 Datasheet
1Mb / 35P
Digital DC/DC Controller with Drivers and Auto Compensation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com