Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL2005P Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ZL2005P
Description  Digital-DC??Controller with Drivers and POLA/DOSA Trim
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2005P Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ZL2005P Datasheet HTML 9Page - Renesas Technology Corp ZL2005P Datasheet HTML 10Page - Renesas Technology Corp ZL2005P Datasheet HTML 11Page - Renesas Technology Corp ZL2005P Datasheet HTML 12Page - Renesas Technology Corp ZL2005P Datasheet HTML 13Page - Renesas Technology Corp ZL2005P Datasheet HTML 14Page - Renesas Technology Corp ZL2005P Datasheet HTML 15Page - Renesas Technology Corp ZL2005P Datasheet HTML 16Page - Renesas Technology Corp ZL2005P Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
ZL2005P
FN6849 Rev 3.00
Page 13 of 41
December 16, 2011
Figure 8. Pin-strap and Resistor Setting
Examples
Pin-strap Settings: This is the simplest implementation
method, as no external components are required. Using
this method, each pin can take on one of three possible
states: GND, OPEN, or HIGH. These pins can be con-
nected to the VR or V25 pins for logic HIGH settings, as
either pin provides a regulated voltage greater than 2V.
Using a single pin, the user can select one of three set-
tings, and using two pins, the user can select one of nine
settings.
Resistor Settings: This method allows a greater range of
adjustability when connecting a finite valued resistor (in
a specified range) between the multi-mode pin and
SGND. Standard 1% resistor values are used, and only
every fourth E96 resistor value is used so that the device
can reliably recognize the value of resistance connected
to the pin while eliminating the errors associated with
the resistor accuracy. A total of 25 unique selections are
available using a single resistor.
I2C/SMBus Settings: Almost any ZL2005P function can
be configured via the I2C/SMBus interface using stan-
dard PMBus commands. Additionally, any value that has
been configured using the pin-strap or resistor setting
methods can also be re-configured and/or verified via
the I2C/SMBus. See Application Note AN2013 for
details.
The SMBus device address and VOUT_MAX are the
only parameters that must be set by external pins. All
other device parameters can be set via the I2C/SMBus.
the device address is set using the SA0 and SA1 pins.
The VOUT_MAX is determined as 10% greater than the
voltage set by the V0/V1 pins or VADJ pin.
ZL
Multi-mode Pin
ZL
RSET
Logic
high
Logic
low
Open
Pin-strap
Settings
Resistor
Settings
Multi-mode Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com