Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-RPT-230UC Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # PLC-RPT-230UC
Description  PLC-INTERFACE for input functions, consisting of PLC-BPT.../SEN basic terminal block with push-in connection and plug-in miniature relay with multi-layer gold contact, for mounting on DIN rail NS 35/7,5, 1 N/O contact, input voltage 230 V AC/220 V DC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RPT-230UC Datasheet(HTML) 3 Page - PHOENIX CONTACT

  PLC-RPT-230UC Datasheet HTML 1Page - PHOENIX CONTACT PLC-RPT-230UC Datasheet HTML 2Page - PHOENIX CONTACT PLC-RPT-230UC Datasheet HTML 3Page - PHOENIX CONTACT PLC-RPT-230UC Datasheet HTML 4Page - PHOENIX CONTACT PLC-RPT-230UC Datasheet HTML 5Page - PHOENIX CONTACT PLC-RPT-230UC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
https://www.phoenixcontact.com/pi/products/2900315
07/23/2018   Page 3 / 6
Relay Module - PLC-RPT-230UC/ 1AU/SEN - 2900315
Technical data
Connection data input side
Connection method
Push-in connection
Stripping length
8 mm
Conductor cross section solid
0.14 mm² ... 2.5 mm²
Conductor cross section flexible
0.14 mm² ... 2.5 mm²
0.2 mm² ... 2.5 mm² ()
2x 0.5 mm² ... 1 mm² ()
Conductor cross section AWG
26 ... 14
Connection data output side
Connection name
Contact side
Connection method
Push-in connection
Stripping length
8 mm
Conductor cross section solid
0.14 mm² ... 2.5 mm²
Conductor cross section flexible
0.14 mm² ... 2.5 mm²
0.2 mm² ... 2.5 mm² ()
2x 0.5 mm² ... 1 mm² ()
Conductor cross section AWG
26 ... 14
General
Test voltage relay winding/relay contact
4 kV AC (50 Hz, 1 min.)
Operating mode
100% operating factor
Degree of protection
RT III (Relay)
IP20 (Relay base)
Mechanical service life
2x 107 cycles
Mounting position
any
Assembly instructions
In rows with zero spacing
Standards and Regulations
Connection in acc. with standard
CUL
Designation
Standards/regulations
Standards/regulations
IEC 60664
IEC 60664A
DIN VDE 0110
DIN EN 50178/DIN VDE 0160 (in relevant parts)
DIN EN 50178/VDE 0160
IEC 60255/DIN VDE 0435 (in relevant parts)
Degree of pollution
3
Overvoltage category
III
Flammability rating according to UL 94
V0
Environmental Product Compliance
REACh SVHC
Lead 7439-92-1
China RoHS
Environmentally Friendly Use Period = 50



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com