Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-RPT-230UC Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # PLC-RPT-230UC
Description  PLC-INTERFACE for input functions, consisting of PLC-BPT.../SEN basic terminal block with push-in connection and plug-in miniature relay with multi-layer gold contact, for mounting on DIN rail NS 35/7,5, 1 N/O contact, input voltage 230 V AC/220 V DC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RPT-230UC Datasheet(HTML) 1 Page - PHOENIX CONTACT

  PLC-RPT-230UC Datasheet HTML 1Page - PHOENIX CONTACT PLC-RPT-230UC Datasheet HTML 2Page - PHOENIX CONTACT PLC-RPT-230UC Datasheet HTML 3Page - PHOENIX CONTACT PLC-RPT-230UC Datasheet HTML 4Page - PHOENIX CONTACT PLC-RPT-230UC Datasheet HTML 5Page - PHOENIX CONTACT PLC-RPT-230UC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
https://www.phoenixcontact.com/pi/products/2900315
07/23/2018   Page 1 / 6
Relay Module - PLC-RPT-230UC/ 1AU/SEN - 2900315
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PLC-INTERFACE for input functions, consisting of PLC-BPT.../SEN basic terminal block with push-in
connection and plug-in miniature relay with multi-layer gold contact, for mounting on DIN rail NS 35/7,5, 1 N/O
contact, input voltage 230 V AC/220 V DC
Why buy this product
 Time savings of up to 60 %
 No need for additional modular terminal blocks
 Efficient connection to system cabling using V8 adapter
 Relay modules with safe isolation according to DIN EN 50178 between coil and contact
 Space savings of up to 80 %
 Sensor connected directly to relay module
 Functional plug-in bridges
Key Commercial Data
Packing unit
10 STK
GTIN
GTIN
4046356507387
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions
Width
6.2 mm
Height
80 mm
Depth
94 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 55 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C


Similar Part No. - PLC-RPT-230UC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PLC-RPT-24DC PHOENIX-PLC-RPT-24DC Datasheet
110Kb / 7P
PLC-INTERFACE, consisting of PLC-BPT.../21-21 basic terminal block with push-in connection and plug-in miniature relay with power contact, for mounting on NS 35/7,5 DIN rail, 2 PDTs, input voltage 24 V DC
PLC-RPT-24UC PHOENIX-PLC-RPT-24UC Datasheet
80Kb / 6P
PLC-INTERFACE for railway applications, consisting of basic terminal block with push-in connection and plug-in miniature relay with multi-layer gold contact, range: 0.7 x UN to 1.25 x UN, temperature class TX: -40째C to 70째C, 1 PDT, input voltage 24 V DC
More results

Similar Description - PLC-RPT-230UC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PLC-PT-EIK1-SVN24M PHOENIX-PLC-PT-EIK1-SVN24M Datasheet
80Kb / 5P
PLC-INTERFACE for NAMUR applications, consisting of PLC-BPT.../21 basic terminal block with push-in connection and integrated circuit, for mounting on DIN rail NS 35/7,5, negative switching, 1 N/O contact, input voltage 24 V DC
PLC-RPIT-24DC PHOENIX-PLC-RPIT-24DC Datasheet
169Kb / 7P
PLC actuator interface, consisting of PLC-BPIT...ACT basic terminal block with Push-In connection and pluggable miniature relay with power contact, for assembly on DIN rail NS 35/7.5, 1 N/O contact, input voltage 24 V DC
PLC-RPIT-24UC PHOENIX-PLC-RPIT-24UC Datasheet
186Kb / 7P
PLC interface, consisting of PLC-BPIT.../21 basic terminal block with Push-In connection and pluggable miniature relay with power contact, for assembly on DIN rail NS 35/7.5, 1 PDT, input voltage 24 V AC/DC
PLC-RPIT-120UC PHOENIX-PLC-RPIT-120UC Datasheet
174Kb / 7P
PLC sensor relay, consisting of PLC-BPIT...SEN basic terminal block with Push-In connection and pluggable miniature relay with multilayer contact, for assembly on DIN rail NS 35/7.5, 1 N/O contact, input voltage 120 V AC / 110 V DC
PLC-RPIT-230UC PHOENIX-PLC-RPIT-230UC Datasheet
146Kb / 7P
PLC interface, consisting of PLC-BPIT.../21 basic terminal block with Push-In connection and pluggable miniature relay with multi-layer contact, for assembly on DIN rail NS 35/7.5, 1 PDT, input voltage 230 V AC/220 V DC
PLC-RPT-12DC PHOENIX-PLC-RPT-12DC Datasheet
99Kb / 6P
PLC-INTERFACE, consisting of PLC-BPT.../21-21 basic terminal block with push-in connection and plug-in miniature relay with power contact, for mounting on NS 35/7,5 DIN rail, 2 PDTs, input voltage 12 V DC
PLC-RPT-24DC PHOENIX-PLC-RPT-24DC Datasheet
110Kb / 7P
PLC-INTERFACE, consisting of PLC-BPT.../21-21 basic terminal block with push-in connection and plug-in miniature relay with power contact, for mounting on NS 35/7,5 DIN rail, 2 PDTs, input voltage 24 V DC
PLC-RPT-120UC PHOENIX-PLC-RPT-120UC Datasheet
130Kb / 12P
PLC-INTERFACE, consisting of PLC-BPT.../21 basic terminal block with push-in connection and plug-in miniature relay with multi-layer gold contact, for mounting on DIN rail NS 35/7,5, 1 PDT, input voltage 120 V AC/110 V DC
PLC-RSC-36DC PHOENIX-PLC-RSC-36DC Datasheet
75Kb / 4P
PLC-INTERFACE, comprising PLC-BSC.../21 basic terminal block with screw connection and plug-in miniature relay with multi-layer contact, for mounting on NS 35/7.5 DIN rail, 1 PDT, 36 V DC input voltage
PLC-RSC-220DC PHOENIX-PLC-RSC-220DC Datasheet
69Kb / 4P
PLC-INTERFACE, consisting of PLC-BSC.../21 basic terminal block with screw connection and plug-in miniature relay with multi-layer gold contact, for mounting on DIN rail NS 35/7,5, 1 PDT, input voltage 220 V DC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com