Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-RPT-230UC Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # PLC-RPT-230UC
Description  PLC-INTERFACE for input functions, consisting of PLC-BPT.../SEN basic terminal block with push-in connection and plug-in miniature relay with multi-layer gold contact, for mounting on DIN rail NS 35/7,5, 1 N/O contact, input voltage 230 V AC/220 V DC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RPT-230UC Datasheet(HTML) 5 Page - PHOENIX CONTACT

  PLC-RPT-230UC Datasheet HTML 1Page - PHOENIX CONTACT PLC-RPT-230UC Datasheet HTML 2Page - PHOENIX CONTACT PLC-RPT-230UC Datasheet HTML 3Page - PHOENIX CONTACT PLC-RPT-230UC Datasheet HTML 4Page - PHOENIX CONTACT PLC-RPT-230UC Datasheet HTML 5Page - PHOENIX CONTACT PLC-RPT-230UC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
https://www.phoenixcontact.com/pi/products/2900315
07/23/2018   Page 5 / 6
Relay Module - PLC-RPT-230UC/ 1AU/SEN - 2900315
Approvals
Approvals
Approvals
UL Recognized / UL Listed / cUL Recognized / cUL Listed / EAC / RC FRT / cULus Recognized / cULus Listed
Ex Approvals
Approval details
UL Recognized 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm  FILEE238705
UL Listed 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm
 FILE E 172140
cUL Recognized 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm  FILEE238705
cUL Listed 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm  FILEE172140
EAC 
 
 RU C-
DE.A*30.B.01082
RC FRT 
 http://www.rsfgt.ru/en/web/guest/english
 B.00094
cULus Recognized 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm
 
cULus Listed 
 
 



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com