Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-RPT-230UC Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # PLC-RPT-230UC
Description  PLC-INTERFACE for input functions, consisting of PLC-BPT.../SEN basic terminal block with push-in connection and plug-in miniature relay with multi-layer gold contact, for mounting on DIN rail NS 35/7,5, 1 N/O contact, input voltage 230 V AC/220 V DC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RPT-230UC Datasheet(HTML) 4 Page - PHOENIX CONTACT

  PLC-RPT-230UC Datasheet HTML 1Page - PHOENIX CONTACT PLC-RPT-230UC Datasheet HTML 2Page - PHOENIX CONTACT PLC-RPT-230UC Datasheet HTML 3Page - PHOENIX CONTACT PLC-RPT-230UC Datasheet HTML 4Page - PHOENIX CONTACT PLC-RPT-230UC Datasheet HTML 5Page - PHOENIX CONTACT PLC-RPT-230UC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
https://www.phoenixcontact.com/pi/products/2900315
07/23/2018   Page 4 / 6
Relay Module - PLC-RPT-230UC/ 1AU/SEN - 2900315
Technical data
Environmental Product Compliance
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Drawings
Diagram
0,7
25
30
35
40
45
50
55
60
65
20
1
1,3
0,8
0,9
1,1
1,2
1,4
U
U
N
T[ °C]
U
A
B
U =220VDC/230VAC
N
Curve A
Maximum permissible continuous voltage Umax with limiting continuous
current on the contact side (see relevant technical data)
Curve B
Minimum permissible operate voltage Uop after pre-excitation (see
relevant technical data)
Circuit diagram
A2
BB
A1
13
14
Articles in set
Relay base - PLC-BPT-230UC/ 1/SEN - 2900452
6.2 mm PLC basic terminal block for input functions with push-in connection, without relay or solid-state relay, for
mounting on DIN rail NS 35/7,5, with sensor supply voltage distribution (BB), 1 N/O contact, input voltage 230 V AC/
DC
 
 
Single relay - REL-MR- 60DC/21AU - 2961134
Plug-in miniature power relay, with multi-layer gold contact, 1 PDT, input voltage 60 V DC
 
 



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com