Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-RSC-12DC Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # PLC-RSC-12DC
Description  PLC-INTERFACE, consisting of DIN rail-mountable basic terminal block with screw connection and plug-in miniature relay with power contact, 2 PDTs, input voltage: 12 V DC, UL/cUL: approved for use in Ex Zone Class I, Div. 2
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RSC-12DC Datasheet(HTML) 3 Page - PHOENIX CONTACT

  PLC-RSC-12DC Datasheet HTML 1Page - PHOENIX CONTACT PLC-RSC-12DC Datasheet HTML 2Page - PHOENIX CONTACT PLC-RSC-12DC Datasheet HTML 3Page - PHOENIX CONTACT PLC-RSC-12DC Datasheet HTML 4Page - PHOENIX CONTACT PLC-RSC-12DC Datasheet HTML 5Page - PHOENIX CONTACT PLC-RSC-12DC Datasheet HTML 6Page - PHOENIX CONTACT PLC-RSC-12DC Datasheet HTML 7Page - PHOENIX CONTACT PLC-RSC-12DC Datasheet HTML 8Page - PHOENIX CONTACT PLC-RSC-12DC Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
https://www.phoenixcontact.com/us/products/2900191
07/15/2016   Page 3 / 9
Relay Module - PLC-RSC- 12DC/21-21/C1D2 - 2900191
Technical data
Connection data output side
Connection method
Screw connection
Stripping length
8 mm
Screw thread
M3
Conductor cross section solid
0.14 mm² ... 2.5 mm²
Conductor cross section flexible
0.14 mm² ... 2.5 mm²
Conductor cross section AWG
26 ... 14
General
Operating mode
100% operating factor
Degree of protection
RT III (Relay)
Mechanical service life
3 x 107 cycles
Flammability rating according to UL 94
V0
Degree of pollution
3
Overvoltage category
III
Designation
Standards/regulations
Standards/regulations
IEC 60664
EN 50178
IEC 62103
Rated surge voltage/insulation
6 kV (safe isolation: control side / contact side)
Degree of pollution
3
Overvoltage category
III
Mounting position
any
Assembly instructions
In rows with zero spacing
Standards and Regulations
Designation
Standards/regulations
Standards/regulations
IEC 60664
EN 50178
IEC 62103
Rated surge voltage/insulation
6 kV (safe isolation: control side / contact side)
Degree of pollution
3
Overvoltage category
III
Flammability rating according to UL 94
V0
Classifications
eCl@ss
eCl@ss 4.0
27371001



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com