Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-RSC-12DC Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # PLC-RSC-12DC
Description  PLC-INTERFACE, consisting of DIN rail-mountable basic terminal block with screw connection and plug-in miniature relay with power contact, 2 PDTs, input voltage: 12 V DC, UL/cUL: approved for use in Ex Zone Class I, Div. 2
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RSC-12DC Datasheet(HTML) 4 Page - PHOENIX CONTACT

  PLC-RSC-12DC Datasheet HTML 1Page - PHOENIX CONTACT PLC-RSC-12DC Datasheet HTML 2Page - PHOENIX CONTACT PLC-RSC-12DC Datasheet HTML 3Page - PHOENIX CONTACT PLC-RSC-12DC Datasheet HTML 4Page - PHOENIX CONTACT PLC-RSC-12DC Datasheet HTML 5Page - PHOENIX CONTACT PLC-RSC-12DC Datasheet HTML 6Page - PHOENIX CONTACT PLC-RSC-12DC Datasheet HTML 7Page - PHOENIX CONTACT PLC-RSC-12DC Datasheet HTML 8Page - PHOENIX CONTACT PLC-RSC-12DC Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
https://www.phoenixcontact.com/us/products/2900191
07/15/2016   Page 4 / 9
Relay Module - PLC-RSC- 12DC/21-21/C1D2 - 2900191
Classifications
eCl@ss
eCl@ss 4.1
27371001
eCl@ss 5.0
27371001
eCl@ss 5.1
27371001
eCl@ss 6.0
27371001
eCl@ss 7.0
27371001
eCl@ss 8.0
27371601
eCl@ss 9.0
27371601
ETIM
ETIM 3.0
EC001504
ETIM 4.0
EC001504
ETIM 5.0
EC001437
UNSPSC
UNSPSC 6.01
30211916
UNSPSC 7.0901
39121515
UNSPSC 11
39121515
UNSPSC 12.01
39121515
UNSPSC 13.2
39121515
Accessories
Accessories
Bridge
Continuous plug-in bridge - FBST 500-PLC RD - 2966786
Continuous plug-in bridge, Length: 500 mm, Color: red
 
 
Continuous plug-in bridge - FBST 500-PLC BU - 2966692
Continuous plug-in bridge, Length: 500 mm, Color: blue
 
 



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com