Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-RSC-12DC Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # PLC-RSC-12DC
Description  PLC-INTERFACE, consisting of DIN rail-mountable basic terminal block with screw connection and plug-in miniature relay with power contact, 2 PDTs, input voltage: 12 V DC, UL/cUL: approved for use in Ex Zone Class I, Div. 2
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RSC-12DC Datasheet(HTML) 1 Page - PHOENIX CONTACT

  PLC-RSC-12DC Datasheet HTML 1Page - PHOENIX CONTACT PLC-RSC-12DC Datasheet HTML 2Page - PHOENIX CONTACT PLC-RSC-12DC Datasheet HTML 3Page - PHOENIX CONTACT PLC-RSC-12DC Datasheet HTML 4Page - PHOENIX CONTACT PLC-RSC-12DC Datasheet HTML 5Page - PHOENIX CONTACT PLC-RSC-12DC Datasheet HTML 6Page - PHOENIX CONTACT PLC-RSC-12DC Datasheet HTML 7Page - PHOENIX CONTACT PLC-RSC-12DC Datasheet HTML 8Page - PHOENIX CONTACT PLC-RSC-12DC Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
https://www.phoenixcontact.com/us/products/2900191
07/15/2016   Page 1 / 9
Relay Module - PLC-RSC- 12DC/21-21/C1D2 - 2900191
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PLC-INTERFACE, consisting of DIN rail-mountable basic terminal block with screw connection and plug-in
miniature relay with power contact, 2 PDTs, input voltage: 12 V DC, UL/cUL: approved for use in Ex Zone Class I,
Div. 2
Key Commercial Data
Packing unit
1 STK
Weight per Piece (excluding packing)
76.0 g
Custom tariff number
85364190
Country of origin
Germany
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions
Width
14 mm
Height
80 mm
Depth
94 mm
Ambient conditions
Ambient temperature (operation)
-20 °C ... 60 °C (UL)
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Coil side
Nominal input voltage UN
12 V DC
Typical input current at UN
33 mA
Typical response time
8 ms


Similar Part No. - PLC-RSC-12DC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PLC-RSC-120UC PHOENIX-PLC-RSC-120UC Datasheet
57Kb / 3P
Please be informed that the data shown in this PDF Document is generated from our Online Catalog.
logo
List of Unclassifed Man...
PLC-RSC-120UC/21-21 ETC2-PLC-RSC-120UC/21-21 Datasheet
140Kb / 8P
PLC relay, consisting of base terminal block PLCBSC
logo
PHOENIX CONTACT
PLC-RSC-125DC PHOENIX-PLC-RSC-125DC Datasheet
143Kb / 6P
PLC relay, consisting of basic terminal block PLC-BSC.../21 with screw connection and pluggable miniature relay with power contact, for assembly on DIN rail NS 35/7.5, 1 PDT, input voltage 125 V DC
More results

Similar Description - PLC-RSC-12DC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PLC-RPIT-12DC PHOENIX-PLC-RPIT-12DC Datasheet
186Kb / 7P
PLC interface, consisting of PLC-BPIT.../21 basic terminal block with Push-In connection and pluggable miniature relay with power contact, for assembly on DIN rail NS 35/7.5, 1 PDT, input voltage 12 V DC
PLC-RPIT-48DC PHOENIX-PLC-RPIT-48DC Datasheet
162Kb / 7P
PLC interface, consisting of PLC-BPIT.../21 basic terminal block with Push-In connection and pluggable miniature relay with power contact, for assembly on DIN rail NS 35/7.5, 1 PDT, input voltage 48 V DC
PLC-RPIT-60DC PHOENIX-PLC-RPIT-60DC Datasheet
162Kb / 7P
PLC interface, consisting of PLC-BPIT.../21 basic terminal block with Push-In connection and pluggable miniature relay with power contact, for assembly on DIN rail NS 35/7.5, 1 PDT, input voltage 60 V DC
PLC-RPT-12DC PHOENIX-PLC-RPT-12DC Datasheet
99Kb / 6P
PLC-INTERFACE, consisting of PLC-BPT.../21-21 basic terminal block with push-in connection and plug-in miniature relay with power contact, for mounting on NS 35/7,5 DIN rail, 2 PDTs, input voltage 12 V DC
PLC-RPT-24DC PHOENIX-PLC-RPT-24DC Datasheet
110Kb / 7P
PLC-INTERFACE, consisting of PLC-BPT.../21-21 basic terminal block with push-in connection and plug-in miniature relay with power contact, for mounting on NS 35/7,5 DIN rail, 2 PDTs, input voltage 24 V DC
PLC-RSC-24DC PHOENIX-PLC-RSC-24DC Datasheet
116Kb / 11P
PLC-INTERFACE, consisting of DIN rail-mountable basic terminal block with screw connection and plug-in miniature relay with power contact, 1 PDT, input voltage: 24 V DC, UL/cUL: approved for use in Ex Zone Class I, Div. 2 and ATEX (Zone 2)
PLC-RSC-230UC PHOENIX-PLC-RSC-230UC Datasheet
87Kb / 5P
PLC-INTERFACE, consisting of DIN-rail-mountable basic terminal block in 14 mm with screw connection
REL-MR-12DC PHOENIX-REL-MR-12DC Datasheet
79Kb / 5P
Plug-in miniature power relay, with power contact, 2 PDTs, 24 V DC input voltage, UL/cUL: approved for use in Ex Zone Class 1 Div 2
PLC-RSC-125DC PHOENIX-PLC-RSC-125DC Datasheet
143Kb / 6P
PLC relay, consisting of basic terminal block PLC-BSC.../21 with screw connection and pluggable miniature relay with power contact, for assembly on DIN rail NS 35/7.5, 1 PDT, input voltage 125 V DC
PLC-RSC-220DC PHOENIX-PLC-RSC-220DC Datasheet
69Kb / 4P
PLC-INTERFACE, consisting of PLC-BSC.../21 basic terminal block with screw connection and plug-in miniature relay with multi-layer gold contact, for mounting on DIN rail NS 35/7,5, 1 PDT, input voltage 220 V DC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com