Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-RSC-12DC Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # PLC-RSC-12DC
Description  PLC-INTERFACE, consisting of DIN rail-mountable basic terminal block with screw connection and plug-in miniature relay with power contact, 2 PDTs, input voltage: 12 V DC, UL/cUL: approved for use in Ex Zone Class I, Div. 2
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RSC-12DC Datasheet(HTML) 2 Page - PHOENIX CONTACT

  PLC-RSC-12DC Datasheet HTML 1Page - PHOENIX CONTACT PLC-RSC-12DC Datasheet HTML 2Page - PHOENIX CONTACT PLC-RSC-12DC Datasheet HTML 3Page - PHOENIX CONTACT PLC-RSC-12DC Datasheet HTML 4Page - PHOENIX CONTACT PLC-RSC-12DC Datasheet HTML 5Page - PHOENIX CONTACT PLC-RSC-12DC Datasheet HTML 6Page - PHOENIX CONTACT PLC-RSC-12DC Datasheet HTML 7Page - PHOENIX CONTACT PLC-RSC-12DC Datasheet HTML 8Page - PHOENIX CONTACT PLC-RSC-12DC Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
https://www.phoenixcontact.com/us/products/2900191
07/15/2016   Page 2 / 9
Relay Module - PLC-RSC- 12DC/21-21/C1D2 - 2900191
Technical data
Coil side
Typical release time
10 ms
Protective circuit
Reverse polarity protection Polarity protection diode
Free-wheeling diode Damping diode
Operating voltage display
Yellow LED
Power dissipation for nominal condition
0.4 W
Contact side
Contact type
2 PDT
Contact material
AgNi
Maximum switching voltage
250 V AC/DC (The separating plate PLC-ATP should be installed for
voltages larger than 250 V (L1, L2, L3) between identical terminal blocks in
adjacent modules. Potential bridging is then carried out with FBST 8-PLC...
or ...FBST 500...)
Minimum switching voltage
5 V AC/DC (at 10 mA)
Min. switching current
10 mA (At 5 V)
Maximum inrush current
15 A (300 ms)
Limiting continuous current
6 A
Interrupting rating (ohmic load) max.
140 W (at 24 V DC)
85 W (at 48 V DC)
60 W (at 60 V DC)
44 W (at 110 V DC)
60 W (at 220 V DC)
1500 VA (for 250 V AC)
Switching capacity in acc. with DIN VDE 0660/IEC 60947
2 A (at 24 V, DC13)
0.2 A (at 250 V, DC13)
3 A (at 24 V, AC15)
3 A (at 120 V, AC15)
3 A (at 250 V, AC15)
Connection data input side
Connection name
Coil side
Connection method
Screw connection
Stripping length
8 mm
Screw thread
M3
Conductor cross section solid
0.14 mm² ... 2.5 mm²
Conductor cross section flexible
0.14 mm² ... 2.5 mm²
Conductor cross section AWG
26 ... 14
Connection data output side
Connection name
Contact side



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com