Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR1-RSC3-LV-230AC Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # PR1-RSC3-LV-230AC
Description  Preassembled relay modules with screw connection, consisting of: relay base plug-in miniature power relay with power contacts, plug-in display/interference suppression module and relay retaining bracket. Input voltage: 230 V AC, contacts: 2 PDT, 8 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PR1-RSC3-LV-230AC Datasheet(HTML) 3 Page - PHOENIX CONTACT

  PR1-RSC3-LV-230AC Datasheet HTML 1Page - PHOENIX CONTACT PR1-RSC3-LV-230AC Datasheet HTML 2Page - PHOENIX CONTACT PR1-RSC3-LV-230AC Datasheet HTML 3Page - PHOENIX CONTACT PR1-RSC3-LV-230AC Datasheet HTML 4Page - PHOENIX CONTACT PR1-RSC3-LV-230AC Datasheet HTML 5Page - PHOENIX CONTACT PR1-RSC3-LV-230AC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
https://www.phoenixcontact.com/pi/products/2834517
07/23/2018   Page 3 / 6
Relay Module - PR1-RSC3-LV-230AC/2X21 - 2834517
Technical data
Connection data input side
Conductor cross section solid
0.14 mm² ... 2.5 mm²
Conductor cross section flexible
0.14 mm² ... 2.5 mm²
Conductor cross section AWG
26 ... 14
Connection data output side
Connection name
Contact side
Connection method
Screw connection
Stripping length
8 mm
Screw thread
M3
Conductor cross section solid
0.14 mm² ... 2.5 mm²
Conductor cross section flexible
0.14 mm² ... 2.5 mm²
Conductor cross section AWG
26 ... 14
Standards and Regulations
Standards/regulations
IEC 60664
EN 50178
Degree of pollution
3
Overvoltage category
III
Environmental Product Compliance
China RoHS
Environmentally Friendly Use Period = 50
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Drawings
Circuit diagram
A1
A2
22
12
24
14
21
11
Diagram
Ambienttemperature[°C]
DCcoils
ACcoils
0,6
0,8
1
1,2
1,4
1,6
1,8
2
2,2
2,4
2,6
2,8
0
10
20
30
40
50
60
70
80
90
100
1
2
2
1
1
2
Operating voltage range of the relay



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com