Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR1-RSC3-LV-230AC Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # PR1-RSC3-LV-230AC
Description  Preassembled relay modules with screw connection, consisting of: relay base plug-in miniature power relay with power contacts, plug-in display/interference suppression module and relay retaining bracket. Input voltage: 230 V AC, contacts: 2 PDT, 8 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PR1-RSC3-LV-230AC Datasheet(HTML) 2 Page - PHOENIX CONTACT

  PR1-RSC3-LV-230AC Datasheet HTML 1Page - PHOENIX CONTACT PR1-RSC3-LV-230AC Datasheet HTML 2Page - PHOENIX CONTACT PR1-RSC3-LV-230AC Datasheet HTML 3Page - PHOENIX CONTACT PR1-RSC3-LV-230AC Datasheet HTML 4Page - PHOENIX CONTACT PR1-RSC3-LV-230AC Datasheet HTML 5Page - PHOENIX CONTACT PR1-RSC3-LV-230AC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
https://www.phoenixcontact.com/pi/products/2834517
07/23/2018   Page 2 / 6
Relay Module - PR1-RSC3-LV-230AC/2X21 - 2834517
Technical data
Coil side
5.5 mA (At 60 Hz)
Typical response time
3 ms ... 12 ms
Typical release time range
2 ms ... 22 ms
Protective circuit
Varistor
Operating voltage display
Yellow LED
Power dissipation for nominal condition
1.38 W
Contact side
Contact type
2 PDT
Type of switch contact
Single contact
Contact material
AgNi
Maximum switching voltage
250 V AC/DC
Minimum switching voltage
5 V (at 10 mA)
Min. switching current
10 mA (At 5 V)
Maximum inrush current
15 A (300 ms)
Limiting continuous current
8 A
Interrupting rating (ohmic load) max.
2000 W (for 250 V AC)
44 W (at 110 V DC)
60 W (at 220 V DC)
190 W (at 24 V DC)
at 440 V AC
85 W (at 48 V DC)
60 W (at 60 V DC)
Switching capacity in acc. with DIN VDE 0660/IEC 60947
2 A (at 24 V, DC13)
0.2 A (at 250 V, DC13)
3 A (at 24 V, AC15)
3 A (at 120 V, AC15)
3 A (at 250 V, AC15)
General
Test voltage relay winding/relay contact
4 kV (50 Hz, 1 min.)
Test voltage relay contact/relay contact
2.5 kV (50 Hz, 1 min.)
Operating mode
100% operating factor
Mechanical service life
3x 107 cycles
Mounting position
any
Assembly instructions
In rows with zero spacing
Connection data input side
Connection name
Coil side
Connection method
Screw connection
Stripping length
8 mm
Screw thread
M3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com