Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR1-RSC3-LV-230AC Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # PR1-RSC3-LV-230AC
Description  Preassembled relay modules with screw connection, consisting of: relay base plug-in miniature power relay with power contacts, plug-in display/interference suppression module and relay retaining bracket. Input voltage: 230 V AC, contacts: 2 PDT, 8 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PR1-RSC3-LV-230AC Datasheet(HTML) 4 Page - PHOENIX CONTACT

  PR1-RSC3-LV-230AC Datasheet HTML 1Page - PHOENIX CONTACT PR1-RSC3-LV-230AC Datasheet HTML 2Page - PHOENIX CONTACT PR1-RSC3-LV-230AC Datasheet HTML 3Page - PHOENIX CONTACT PR1-RSC3-LV-230AC Datasheet HTML 4Page - PHOENIX CONTACT PR1-RSC3-LV-230AC Datasheet HTML 5Page - PHOENIX CONTACT PR1-RSC3-LV-230AC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
https://www.phoenixcontact.com/pi/products/2834517
07/23/2018   Page 4 / 6
Relay Module - PR1-RSC3-LV-230AC/2X21 - 2834517
Diagram
AC,ohmicload
DC,ohmicload,contactsinseries
DC,ohmicload
DC,L/R=40ms
Switchingvoltage[V]
0,1
0,2
0,3
0,5
1
2
4
6
10
20
10
20
30
50
70
100
300
200
1
2
3
4
3
1
4
2
Interrupting rating
Diagram
COS j
1
0,9
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1
0,8
0,7
0,6
0,5
0,4
0,3
0,2
Service life reduction factor with various cos phi
Diagram
Switchingcurrent[A]
250V AC,ohmicload(DCcoils)
250V AC,ohmicload(ACcoils)
0
1
4
8
12
16
10
7
10
6
10
5
10
4
2
3
5
6
7
11
9
10
15
14
13
1
2
2
1
Electrical service life
Articles in set
Relay base - PR1-BSC3/2X21 - 2833521
Relay base PR1..., for miniature power relay or miniature switching relay with 1 or 2 PDT or solid-state relay of same
construction, 1/3 level design, screw connections, connection facility for input/interference suppression modules
 
 
Single relay - REL-MR-230AC/21-21 - 2961451
Plug-in miniature power relay, with power contact, 2 PDTs, input voltage 230 V AC
 
 



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com