Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR1-RSC3-LV-230AC Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # PR1-RSC3-LV-230AC
Description  Preassembled relay modules with screw connection, consisting of: relay base plug-in miniature power relay with power contacts, plug-in display/interference suppression module and relay retaining bracket. Input voltage: 230 V AC, contacts: 2 PDT, 8 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PR1-RSC3-LV-230AC Datasheet(HTML) 1 Page - PHOENIX CONTACT

  PR1-RSC3-LV-230AC Datasheet HTML 1Page - PHOENIX CONTACT PR1-RSC3-LV-230AC Datasheet HTML 2Page - PHOENIX CONTACT PR1-RSC3-LV-230AC Datasheet HTML 3Page - PHOENIX CONTACT PR1-RSC3-LV-230AC Datasheet HTML 4Page - PHOENIX CONTACT PR1-RSC3-LV-230AC Datasheet HTML 5Page - PHOENIX CONTACT PR1-RSC3-LV-230AC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
https://www.phoenixcontact.com/pi/products/2834517
07/23/2018   Page 1 / 6
Relay Module - PR1-RSC3-LV-230AC/2X21 - 2834517
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Preassembled relay modules with screw connection, consisting of: relay base plug-in miniature power relay
with power contacts, plug-in display/interference suppression module and relay retaining bracket. Input
voltage: 230 V AC, contacts: 2 PDT, 8 A
Why buy this product
 Safe isolation between coil and contact side
 Logical contact arrangement thanks to 1/3-level relay base
 Operational reliability thanks to sealed relay
Key Commercial Data
Packing unit
5 STK
GTIN
GTIN
4046356044400
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions
Width
16 mm
Height
78.5 mm
Depth
71 mm
Ambient conditions
Ambient temperature (operation)
-25 °C ... 60 °C
Ambient temperature (storage/transport)
-25 °C ... 85 °C
Coil side
Nominal input voltage UN
230 V AC
Typical input current at UN
6 mA (at 50 Hz)


Similar Part No. - PR1-RSC3-LV-230AC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PR1-BSC2 PHOENIX-PR1-BSC2 Datasheet
61Kb / 4P
Relay socket PR1..., for miniature power relay or miniature switching relay with 1 or 2 PDT or solid-state relay of same construction, 2/2 level design, screw connections, connection facility for input/interference suppression modules
PR1-BSC3 PHOENIX-PR1-BSC3 Datasheet
61Kb / 4P
Relay socket PR1..., for miniature power relay or miniature switching relay with 1 or 2 PDT or solid-state relay of same construction, 1/3 level design, screw connections, connection facility for input/interference suppression modules
More results

Similar Description - PR1-RSC3-LV-230AC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
RIF-2-RSC-LV-24AC PHOENIX-RIF-2-RSC-LV-24AC Datasheet
125Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, plug-in display/interference suppression module, and retaining bracket
RIF-2-RSC-LV-120AC PHOENIX-RIF-2-RSC-LV-120AC Datasheet
125Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, plug-in display/interference suppression module, and retaining bracket.
RIF-2-RSC-LV-230AC PHOENIX-RIF-2-RSC-LV-230AC Datasheet
125Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, plug-in display/interference suppression module, and retaining bracket.
RIF-3-RPT-LV-120AC PHOENIX-RIF-3-RPT-LV-120AC Datasheet
115Kb / 6P
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, plug-in display/suppressor module, and retaining bracket.
RIF-3-RPT-LV-230AC PHOENIX-RIF-3-RPT-LV-230AC Datasheet
115Kb / 6P
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, plug-in display/suppressor module, and retaining bracket.
RIF-3-RSC-LV-120AC PHOENIX-RIF-3-RSC-LV-120AC Datasheet
123Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, plug-in display/interference suppression module, and retaining bracket.
RIF-3-RSC-LV-230AC PHOENIX-RIF-3-RSC-LV-230AC Datasheet
123Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, plug-in display/interference suppression module, and retaining bracket.
RIF-4-RPT-LV-120AC PHOENIX-RIF-4-RPT-LV-120AC Datasheet
117Kb / 7P
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, plug-in display/suppressor module, and retaining bracket.
RIF-4-RSC-LV-120AC PHOENIX-RIF-4-RSC-LV-120AC Datasheet
123Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, plug-in display/interference suppression module, and retaining bracket.
RIF-4-RSC-LV-230AC PHOENIX-RIF-4-RSC-LV-230AC Datasheet
123Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, plug-in display/interference suppression module, and retaining bracket.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com