Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VCX162245 Datasheet(PDF) 6 Page - STMicroelectronics

Part # 74VCX162245
Description  LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VCX162245 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button 74VCX162245 Datasheet HTML 2Page - STMicroelectronics 74VCX162245 Datasheet HTML 3Page - STMicroelectronics 74VCX162245 Datasheet HTML 4Page - STMicroelectronics 74VCX162245 Datasheet HTML 5Page - STMicroelectronics 74VCX162245 Datasheet HTML 6Page - STMicroelectronics 74VCX162245 Datasheet HTML 7Page - STMicroelectronics 74VCX162245 Datasheet HTML 8Page - STMicroelectronics 74VCX162245 Datasheet HTML 9Page - STMicroelectronics 74VCX162245 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
74VCX162245
6/13
DC SPECIFICATIONS (1.8V < VCC < 2.3V unless otherwise specified)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
-40to 85°C
-55 to 125°C
Min.
Max.
Min.
Max.
VIH
High Level Input
Voltage
1.8to2.3
0.7 VCC
0.7 VCC
V
VIL
Low Level Input
Voltage
0.2 VCC
0.2 VCC
V
VOH
High Level Output
Voltage
(A Outputs)
1.8
IO=-100 µAVCC-0.2
VCC-0.2
V
IO=-4 mA
1.4
1.4
VOH
High Level Output
Voltage
(B Outputs)
1.8
IO=-100 µAVCC-0.2
VCC-0.2
V
IO=-6 mA
1.4
1.4
VOL
Low Level Output
Voltage
(A Outputs)
1.8
IO=100 µA
0.2
0.2
V
IO=4 mA
0.3
0.3
VOL
Low Level Output
Voltage
(B Outputs)
1.8
IO=100 µA
0.2
0.2
V
IO=6 mA
0.3
0.3
II
Input Leakage
Current
1.8
VI = 0 to 3.6V
± 5
± 5
µA
Ioff
Power Off Leakage
Current
0
VI or VO = 0 to 3.6V
10
10
µA
IOZ
High Impedance
Output Leakage
Current
1.8
VI =VIH or VIL
VO = 0 to 3.6V
± 10
± 10
µA
ICC
Quiescent Supply
Current
1.8
VI =VCC or GND
20
20
µA
VI or VO =VCC to
3.6V
± 20
± 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com