Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VCX162245 Datasheet(PDF) 7 Page - STMicroelectronics

Part # 74VCX162245
Description  LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VCX162245 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button 74VCX162245 Datasheet HTML 3Page - STMicroelectronics 74VCX162245 Datasheet HTML 4Page - STMicroelectronics 74VCX162245 Datasheet HTML 5Page - STMicroelectronics 74VCX162245 Datasheet HTML 6Page - STMicroelectronics 74VCX162245 Datasheet HTML 7Page - STMicroelectronics 74VCX162245 Datasheet HTML 8Page - STMicroelectronics 74VCX162245 Datasheet HTML 9Page - STMicroelectronics 74VCX162245 Datasheet HTML 10Page - STMicroelectronics 74VCX162245 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
74VCX162245
7/13
DYNAMIC SWITCHING CHARACTERISTICS (Ta = 25°C, Input tr =tf = 2.0ns, CL = 30pF, RL = 500Ω)
1) Number of outputs defined as "n". Measured with "n-1" outputs switching from HIGH to LOW or LOW to HIGH. The remaining output is
measured in the LOW state.
2) Number of outputs defined as "n". Measured with "n-1" outputs switching from HIGH to LOW or LOW to HIGH. The remaining output is
measured in the HIGH state.
3) Parameters guaranteed by design.
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA =25°C
Min.
Typ.
Max.
VOLP
Dynamic Peak Low Voltage
Quiet Output (note 1, 3)
(A to B)
1.8
VIL =0V
VIH =VCC
0.25
V
2.5
0.6
3.3
0.8
VOLP
Dynamic Peak Low Voltage
Quiet Output (note 1, 3)
(B to A)
1.8
VIL =0V
VIH =VCC
0.15
V
2.5
0.25
3.3
0.35
VOLV
Dynamic Valley Low Voltage
Quiet Output (note 1, 3)
(A to B)
1.8
VIL =0V
VIH =VCC
-0.25
V
2.5
-0.6
3.3
-0.8
VOLV
Dynamic Valley Low Voltage
Quiet Output (note 1, 3)
(B to A)
1.8
VIL =0V
VIH =VCC
-0.15
V
2.5
-0.25
3.3
-0.35
VOHV
Dynamic Valley High Voltage
Quiet Output (note 2, 3)
(A to B)
1.8
VIL =0V
VIH =VCC
1.5
V
2.5
1.9
3.3
2.2
VOHV
Dynamic Valley High Voltage
Quiet Output (note 2, 3)
(B to A)
1.8
VIL =0V
VIH =VCC
1.55
V
2.5
2.05
3.3
2.65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com