Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VCX162245 Datasheet(PDF) 9 Page - STMicroelectronics

Part # 74VCX162245
Description  LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VCX162245 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button 74VCX162245 Datasheet HTML 5Page - STMicroelectronics 74VCX162245 Datasheet HTML 6Page - STMicroelectronics 74VCX162245 Datasheet HTML 7Page - STMicroelectronics 74VCX162245 Datasheet HTML 8Page - STMicroelectronics 74VCX162245 Datasheet HTML 9Page - STMicroelectronics 74VCX162245 Datasheet HTML 10Page - STMicroelectronics 74VCX162245 Datasheet HTML 11Page - STMicroelectronics 74VCX162245 Datasheet HTML 12Page - STMicroelectronics 74VCX162245 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
74VCX162245
9/13
TEST CIRCUIT
CL = 30 pF or equivalent (includes jig and probe capacitance)
RL =R1 = 500Ω or equivalent
RT =ZOUT of pulse generator (typically 50Ω)
WAVEFORM SYMBOL VALUES
TEST
SWITCH
tPLH,tPHL
Open
tPZL,tPLZ (VCC = 3.0 to 3.6V)
6V
tPZL,tPLZ (VCC = 2.3 to 2.7V or 1.8V)
2VCC
tPZH,tPHZ
GND
Symbol
VCC
3.0 to3.6V
2.3 to 2.7V
1.8V
VIH
2.7V
VCC
VCC
VM
1.5V
VCC/2
VCC/2
VX
VOL + 0.3V
VOL + 0.15V
VOL + 0.15V
VY
VOH - 0.3V
VOH - 0.15V
VOH - 0.15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com