Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VCX162245 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74VCX162245
Description  LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VCX162245 Datasheet(HTML) 1 Page - STMicroelectronics

  74VCX162245 Datasheet HTML 1Page - STMicroelectronics 74VCX162245 Datasheet HTML 2Page - STMicroelectronics 74VCX162245 Datasheet HTML 3Page - STMicroelectronics 74VCX162245 Datasheet HTML 4Page - STMicroelectronics 74VCX162245 Datasheet HTML 5Page - STMicroelectronics 74VCX162245 Datasheet HTML 6Page - STMicroelectronics 74VCX162245 Datasheet HTML 7Page - STMicroelectronics 74VCX162245 Datasheet HTML 8Page - STMicroelectronics 74VCX162245 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
July 2003
s
3.6V TOLERANT INPUTS AND OUTPUTS
s
HIGH SPEED A OUTPUTS:
tPD = 3.4 ns (MAX.) at VCC =3.0 to 3.6V
tPD = 4.3 ns (MAX.) at VCC =2.3 to 2.7V
tPD = 5.7 ns (MAX.) at VCC =1.8V
s
SYMMETRICAL IMPEDANCE A OUTPUTS:
|IOH|= IOL = 12mA (MIN) at VCC =3.0V
|IOH|= IOL =8mA (MIN) at VCC =2.3V
|IOH|= IOL =4mA (MIN) at VCC =1.8V
s
HIGH SPEED B OUTPUTS:
tPD = 2.5 ns (MAX.) at VCC =3.0 to 3.6V
tPD = 3.2 ns (MAX.) at VCC =2.3 to 2.7V
tPD = 5.7 ns (MAX.) at VCC =1.8V
s
SYMMETRICAL IMPEDANCE B OUTPUTS:
|IOH|= IOL = 24mA (MIN) at VCC =3.0V
|IOH|= IOL = 18mA (MIN) at VCC =2.3V
|IOH|= IOL =6mA (MIN) at VCC =1.8V
s
POWER DOWN PROTECTION ON INPUTS
AND OUTPUTS
s
26
Ω SERIE RESISTORS IN A PORT
OUTPUT
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 1.8V to 3.6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 162245
s
LATCH-UP PERFORMANCE EXCEEDS
300mA (JESD 17)
s
ESD PERFORMANCE:
HBM > 2000V (MIL STD 883 method 3015);
MM > 200V
DESCRIPTION
The 74VCX162245 is a low voltage CMOS 16 BIT
BUS TRANSCEIVER (3-STATE) fabricated with
sub-micron silicon gate and five-layer metal wiring
C2MOS technology. It is ideal for low power and
very high speed 1.8 to 3.6V applications; it can be
interfaced to 3.6V signal environment for both
inputs and outputs.
This IC is intended for two-way asynchronous
communication between data buses; the direction
of data transmission is determined by DIR input.
The two enable inputs nG can beusedtodisable
the device so that the buses are effectively
isolated. The device circuits is including 26
Ω se-
ries resistance in the A port outputs. These resis-
tors permit to reduce line noise in high speed ap-
74VCX162245
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER
(3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
ORDER CODES
PACKAGE
TUBE
T & R
TSSOP
74VCX162245TTR
TSSOP
PIN CONNECTION


Similar Part No. - 74VCX162245

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX162245 FAIRCHILD-74VCX162245 Datasheet
146Kb / 9P
Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in A Port Outputs
74VCX162245MTD FAIRCHILD-74VCX162245MTD Datasheet
146Kb / 9P
Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in A Port Outputs
More results

Similar Description - 74VCX162245

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VCX162244 STMICROELECTRONICS-74VCX162244 Datasheet
229Kb / 11P
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE)WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Feb-2003
74VCXH162245 STMICROELECTRONICS-74VCXH162245 Datasheet
272Kb / 11P
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Jul-2003
74VCXR162245 STMICROELECTRONICS-74VCXR162245 Datasheet
272Kb / 13P
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Jul-2003
54VCXHR162245 STMICROELECTRONICS-54VCXHR162245 Datasheet
236Kb / 11P
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
09-Jul-2004
74ALVCR162245 STMICROELECTRONICS-74ALVCR162245 Datasheet
512Kb / 11P
LOW VOLTAGE CMOS 16-BIT TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
25-Feb-2005
74ALVCH16244 STMICROELECTRONICS-74ALVCH16244 Datasheet
224Kb / 10P
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Feb-2003
74ALVCH16245 STMICROELECTRONICS-74ALVCH16245 Datasheet
255Kb / 10P
LOW VOLTAGE CMOS 16-BIT TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Jul-2003
74VCX16244 STMICROELECTRONICS-74VCX16244 Datasheet
233Kb / 11P
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Feb-2003
74VCX16245 STMICROELECTRONICS-74VCX16245 Datasheet
212Kb / 14P
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Nov-2003
74VCXH16245 STMICROELECTRONICS-74VCXH16245 Datasheet
292Kb / 11P
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Jul-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com