Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5201ACPZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADL5201ACPZ-R7
Description  Wide Dynamic Range, High Speed, Digitally Controlled VGA
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5201ACPZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADL5201ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
Data Sheet
ADL5201
Rev. C | Page 25 of 26
Configuration Options for the USB Section
Table 10. Bill of Materials for USB Section
Components
Default Conditions
C31, C62
22 pF (Size 0603)
C49
1000 pF (Size 0603)
C28 to C30, C53 to C55, C57 to C61
0.1 μF (Size 0402)
C47, C50
1 μF (Size 0402)
C52, C56
10 pF (Size 0402)
D6
Green LED (Panasonic LNJ308G8TRA)
J16
USB SMT connector (Hirose Electric UX60A-MB-5ST 240-0003-4)
R39, R49, R50
2 kΩ (Size 0603)
R41
78.7 kΩ (Size 0603)
R40
140 kΩ (Size 0603)
R44, R45
100 kΩ (Size 0603)
R58
0 Ω (Size 0603)
U6
USB microcontroller (Cypress CY7C68013A-56LFXC)
U7
64 kbit EEPROM (Microchip 24LC64-I/SN)
U5
Low dropout regulator (Analog Devices ADP3334ACPZ)
Y2
24 MHz crystal oscillator (AEL Crystals X24M000000S244)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com