Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5201ACPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADL5201ACPZ-R7
Description  Wide Dynamic Range, High Speed, Digitally Controlled VGA
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5201ACPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADL5201ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
ADL5201
Data Sheet
Rev. C | Page 18 of 26
APPLICATIONS INFORMATION
BASIC CONNECTIONS
Figure 53 shows the basic connections for operating the ADL5201.
A voltage between 4.5 V and 5.5 V should be applied to the
VPOS pins. Each supply pin should be decoupled with at least
one low inductance, surface-mount ceramic capacitor of 0.1 μF,
placed as close as possible to the device.
The outputs of the ADL5201 must be pulled up to the positive
supply with 1 μH RF chokes. The differential outputs are biased
to the positive supply and require ac coupling capacitors, preferably
0.1 μF. Similarly, the input pins are at bias voltages of about 1.6 V
above ground and should be ac-coupled, as well. The ac coupling
capacitors and the RF chokes are the principle limitations for
operation at low frequencies.
The digital pins (mode control pins, associated SPI and parallel
gain control pins, PM, and PWUP) operate on a voltage of 3.3 V.
To enable the ADL5201, the PWUP pin must be pulled high
(1.4 V ≤ PWUP ≤ 3.3 V). Taking PWUP low puts the ADL5201
in sleep mode, reducing current consumption to approximately
7 mA at ambient temperature.
ADC DRIVING
The ADL5201 is a highly linear, variable gain amplifier that
is optimized for ADC interfacing. The output IMDs and noise
floor remain constant throughout the 31.5 dB gain range. This
is a valuable feature in a variable gain receiver, where it is
desirable to maintain a constant instantaneous dynamic range
as the receiver range is modified. The output noise is 15 nV/√Hz,
which is compatible with 14- or 16-bit ADCs. The two-tone
IMDs are usually greater than −100 dB for −1 dBm into 150 Ω
or 2 V p-p output. The 150 Ω output impedance makes the task
of designing a filter for the high input impedance ADCs more
straightforward.
GAIN CONTROL INTERFACE
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
RS
2
RS
2
AC
BALANCED
SOURCE
RL
BALANCED
LOAD
1µH
1µH
0.1µF
0.1µF
10µF
+VPOS
24
23
22
21
20
19
18
17
16
15
14
13
12
78
9
10
11
1
2
3
4
5
6
MODE0
ADL5201
3.3V
3.3V
GAIN MODE INTERFACE
MODE0
MODE1
GND
VIN–
VIN+
GND
LATCH
VOUT+
VOUT–
VOUT+
VOUT–
VPOS
Figure 53. Basic Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com