Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5201ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADL5201ACPZ-R7
Description  Wide Dynamic Range, High Speed, Digitally Controlled VGA
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5201ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADL5201ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Data Sheet
ADL5201
Rev. C | Page 19 of 26
50Ω
AC
1:3
75Ω
75Ω
33Ω
33Ω
1µH
5V
1µH
5V
VREF
VREF
5V
0.1µF
0.1µF
0.1µF
47nH
47nH
0.1µF
DIGITAL
INTERFACE
ADL5201
14pF
AD9467
Figure 54. Wideband ADC Interfacing Example Featuring the ADL5201 and the AD9467
Figure 54 shows the ADL5201 driving a two-pole, 100 MHz, low-
pass filter into the AD9467. The AD9467 is a 16-bit, 200 MSPS
to 250 MSPS ADC with a buffered wideband input that presents
a 530 Ω differential input impedance and requires a 2 V or 2.5 V
input swing to reach full scale. For optimum performance, the
ADL5201 should be driven differentially, using an impedance
transformer or input balun.
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
0
20
40
60
80
100
120
140
160
180
200
FREQUENCY (MHz)
Figure 55. Measured Frequency Response of the Wideband
ADC Interface Shown in Figure 54
Figure 54 uses a 1:3 impedance transformer to provide the
150 Ω input impedance of the ADL5201 with a matched input.
The outputs of the ADL5201 are biased through the two 1 μH
inductors, and the two 0.1 μF capacitors on the outputs decouple
the 5 V inductor voltage from the input common-mode voltage
of the AD9467. The two 75 Ω resistors provide the 150 Ω load to
the ADL5201, whose gain is load dependent. The 47 nH induc-
tors and 14 pF capacitor constitute the (100 MHz − 1 dB) low-pass
filter. The two 33 Ω isolation resistors suppress any switching
currents from the ADC input sample-and-hold circuitry. The
circuit depicted in Figure 54 provides variable gain, isolation,
filtering, and source matching for the AD9467. By using this
circuit with the ADL5201 in a gain of 20 dB (maximum gain),
an SNR of 68 dB and an SFDR performance of 88 dBc are
achieved at 100 MHz, as shown in Figure 56.
0
–15
–30
–45
–60
–75
–90
–105
–120
–150
–135
015
30
45
60
75
90
105
120
FREQUENCY (MHz)
SNR = 68dB
SFDR = 88dBc
NOISE FLOOR = –114dBFS
FUND = –1.05dBFS
SECOND = –94.7dBc
THIRD = –88.75dBc
5
+
6
4
3
2
Figure 56. Measured Single-Tone Performance of the Circuit Shown
in Figure 54 for a 100 MHz Input Signal
The two-tone 100 MHz IMDs of two 1 V p-p signals have
an SFDR of greater than 91 dBc, as shown in Figure 57.
0
–15
–30
–45
–60
–75
–90
–105
–120
–150
–135
0
15
30
45
60
75
90
105
120
FREQUENCY (MHz)
FUND1 = –6.682dBFS
FUND2 = –7.096dBFS
2f1 – f2 = –93.2dBFS
2f2 – f1 = –92.58dBc
NOISE FLOOR = –115.3dBFS
f2 – f1
+
f1 + f2
2f2 + f1
2f1 – f2
2f2 – f1
2f1 + f2
Figure 57. Measured Two-Tone Performance of the
Circuit Shown in Figure 54 for a 100 MHz Input Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com