Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5201ACPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADL5201ACPZ-R7
Description  Wide Dynamic Range, High Speed, Digitally Controlled VGA
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5201ACPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADL5201ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
ADL5201
Data Sheet
Rev. C | Page 24 of 26
EVALUATION BOARD CONFIGURATION OPTIONS
Configuration Options for the Main Section
Table 9. Bill of Materials for Main Section
Components
Function
Default Conditions
C2 to C5, C7, C9, C17
Power supply decoupling. Nominal supply decoupling consists of
a 0.1 μF capacitor to ground.
C2 = 10 μF (Size C7343)
C3 to C5, C7, C9, C17 = 0.1 μF (Size 0603)
U1
Device under test.
Installed
INB−
T2
J1
C1
R3, R4, R9 to R13
Input interface. INB− is the RF input. T2 is a 3:1 impedance ratio balun
used to transform a single ended 50 Ω signal into a 150 Ω balanced
differential signal. The input can be configured for a differential by
removing R3 and installing a 0 Ω jumper at R4.
C1 provides dc blocking. R12 and R13 are placeholders and can be
replaced with blocking capacitors when driving the ADL5201 from
a fully differential source.
R3 grounds one side of the differential drive interface for single-ended
applications. R9, R10, and R11 are provided for generic placement of
matching components.
T2 = TC3-1T+ (Mini-Circuits)
C1 = 0.1 μF (Size 0402)
R3, R12, R13 = 0 Ω (Size 0402)
R4, R9 to R11 = open
INB− (SMA connector) installed
J1 (SMA connector) installed
T1
C10 to C12
L1, L2
R19, R20, R24 to R28,
R47, R48, R51
OUTB+, OUTB−
Output interface. T1 is a 3:1 impedance ratio balun used to transform
a 150 Ω balanced differential signal to a 50 Ω singled-end signal.
C10 and C11 are dc blocks.
L1 and L2 provide dc bias to the open-collector output.
R24 to R28 are provided for the generic placement of matching
components. R47 grounds one side of the differential output interface
for single-ended applications.
T1 = TC3-1T+ (Mini-Circuits)
C10 to C12 = 0.1 μF (Size 0402)
R19, R20, R24 to R26, R47, R51 = 0 Ω
(Size 0402)
R27, R28, R48 = open
L1, L2 = 1 μH (Size 0805)
OUTB+ (SMA connector) installed
OUTB− (SMA connector) installed
PWUP, PWRUP
Power-up interface. The ADL5201 is powered up by applying a logic
high (1.4 V ≤ PWUPA/B ≤ 3.3 V) to PWUP from an external source or by
installing a shunt between Pin 1 and Pin 2 of the 3-pin header, PWUP.
PWUP (3-pin header) installed
PWRUP (SMA connector) installed
A0 to A5
LATCH
PM
MODE0, MODE1
R1, R2, R5 to R8,
R14 to R18, R21 to R23,
R30 to R38, R42, R43, R46
C6, C8, C13 to C16
Gain control interface. All of the gain control functions are fully
controlled via the USB microcontroller using the supplied software.
Three-pin headers allow for manual operation of the gain control, if
desired.
R1, R2, R5 to R8, R14, R15, R17, R18, R22, R23, R34 to R38, R42, R43, and
R46 isolate the digital control pins from the microcontroller and
provide current limiting.
The R16, R21, and R30 to R33 resistors and the C6, C8, and C13 to C16
capacitors allow for the generic placement of filter components.
A0 to A5 (3-pin header) installed
LATCH (3-pin header) installed
MODE0 (3-pin header) installed
MODE1 (3-pin header) installed
PM (3-pin header) installed
R1, R2, R5 to R8, R14, R15, R17, R18,
R22, R23, R34 to R38, R42, R43, R46 =
1 kΩ (Size 0402)
R16, R21, R30 to R33 = open
C6, C8, C13 to C16 = open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com