Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30102 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # M30102
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30102 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button M30102 Datasheet HTML 35Page - Renesas Technology Corp M30102 Datasheet HTML 36Page - Renesas Technology Corp M30102 Datasheet HTML 37Page - Renesas Technology Corp M30102 Datasheet HTML 38Page - Renesas Technology Corp M30102 Datasheet HTML 39Page - Renesas Technology Corp M30102 Datasheet HTML 40Page - Renesas Technology Corp M30102 Datasheet HTML 41Page - Renesas Technology Corp M30102 Datasheet HTML 42Page - Renesas Technology Corp M30102 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 164 page
background image
Under
development
Tentative Specifications REV.E1
Specifications in this manual are tentative and subject to change.
Mitsubishi microcomputers
M30100/M30102 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Interrupts
38
Interrupt source
Vector table addresses
Remarks
Address (L) to address (H)
Undefined instruction
FFFDC16 to FFFDF16
Interrupt on UND instruction
Overflow
FFFE016 to FFFE316
Interrupt on INTO instruction
BRK instruction
FFFE416 to FFFE716
If the vector is filled with FF16, program execution starts from
the address shown by the vector in the variable vector table
Address match
FFFE816 to FFFEB16
There is an address-matching interrupt enable bit
Single step (Note)
FFFEC16 to FFFEF16
Do not use
Oscillation stop detection/
FFFF016 to FFFF316
watchdog timer
________
DBC (Note)
FFFF416 to FFFF716
Do not use
UART0 receive (Note)
FFFF816 to FFFFB16
Do not use
Reset
FFFFC16 to FFFFF16
Table 1.12.1. Interrupt and fixed vector address
Note: Interrupts used for debugging purposes only.
Mid address
Low address
0 0 0 0
High address
0 0 0 0
0 0 0 0
Vector address + 0
Vector address + 1
Vector address + 2
Vector address + 3
LSB
MSB
Interrupts and Interrupt Vector Tables
If an interrupt request is accepted, a program branches to the interrupt routine set in the interrupt vector
table. Set the first address of the interrupt routine in each vector table. Figure 1.12.2 shows format for
specifying interrupt vector addresses.
Two types of interrupt vector tables are available — fixed vector table in which addresses are fixed and
variable vector table in which addresses can be varied by the setting.
• Fixed vector tables
The fixed vector table is a table in which addresses are fixed. The vector tables are located in an area
extending from FFFDC16 to FFFFF16. One vector table comprises four bytes. Set the first address of
interrupt routine in each vector table. Table 1.12.1 shows the interrupts assigned to the fixed vector
tables and addresses of vector tables.
Figure 1.12.2. Format for specifying interrupt vector addresses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com