Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30102 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M30102
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30102 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M30102 Datasheet HTML 17Page - Renesas Technology Corp M30102 Datasheet HTML 18Page - Renesas Technology Corp M30102 Datasheet HTML 19Page - Renesas Technology Corp M30102 Datasheet HTML 20Page - Renesas Technology Corp M30102 Datasheet HTML 21Page - Renesas Technology Corp M30102 Datasheet HTML 22Page - Renesas Technology Corp M30102 Datasheet HTML 23Page - Renesas Technology Corp M30102 Datasheet HTML 24Page - Renesas Technology Corp M30102 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 164 page
background image
Under
development
Tentative Specifications REV.E1
Specifications in this manual are tentative and subject to change.
Mitsubishi microcomputers
M30100/M30102 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
20
Sub clock
CM0i : Bit i at address 000616
CM1i : Bit i at address 000716
CM2i : Bit i at address 000C16
WDCi : Bit i at address 000F16
CM10 “1”
Write signal
WAIT instruction
Main clock
Interrupt request
level judgment output
RESET
Software reset
Details of divider
CM04
fC32
XCIN
1/32
XCOUT
Q
S
R
XOUT
CM05
fC
XIN
R
Q
S
1/2
1/2
1/2
1/2
CM06=0
CM17,CM16=00
CM06=0
CM17,CM16=01
CM06=0
CM17,CM16=10
CM06=1
CM06=0
CM17,CM16=11
d
a
b
1/2
c
Main
clock
switching
circuit
Ring
oscillator
oscillation
circuit
CM20
Oscillation
stop detection
CM22
f1
fC
CM07=0
fAD
a
d
f8
f32
c
b
BCLK
CM07=1
R
CM02
1/2
fRING
Divider
fMAIN
Microcomputer
(Built-in feedback resistor)
XCIN
XCOUT
Externally derived clock
Open
Vcc
Vss
Microcomputer
(Built-in feedback resistor)
XCIN
XCOUT
(Note)
CCIN
CCOUT
RCd
Note: Insert a damping resistor if
required. The resistance will
vary depending on the oscillator
and the oscillation drive
capacity setting. Use the value
recommended by the maker of
the oscillator.
When the oscillation drive
capacity is set to low, check that
oscillation is stable.
Clock Generating Circuit
A ring oscillator is built into the microcomputer. The oscillation of the ring oscillator can be used as the
BCLK by setting the main clock select bit (bit 2 of address 000C). Lower power consumption can be
realized because the oscillating frequency of the ring oscillator is much lower compared to that of XIN. The
frequency of the ring oscillator depends on the supply voltage and the operation temperature range. Be
careful that variable frequencies and obtain the sufficient margin when designing application products.
Clock Control
Figure 1.8.3 shows the block diagram of the clock generating circuit.
Figure 1.8.2. Examples of sub-clock
Figure 1.8.3. Clock generating circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com