Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30102 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # M30102
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30102 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button M30102 Datasheet HTML 82Page - Renesas Technology Corp M30102 Datasheet HTML 83Page - Renesas Technology Corp M30102 Datasheet HTML 84Page - Renesas Technology Corp M30102 Datasheet HTML 85Page - Renesas Technology Corp M30102 Datasheet HTML 86Page - Renesas Technology Corp M30102 Datasheet HTML 87Page - Renesas Technology Corp M30102 Datasheet HTML 88Page - Renesas Technology Corp M30102 Datasheet HTML 89Page - Renesas Technology Corp M30102 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 164 page
background image
Under
development
Tentative Specifications REV.E1
Specifications in this manual are tentative and subject to change.
Mitsubishi microcomputers
M30100/M30102 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Timer Z
85
Figure 1.14.25. Timer Y, Z mode register and Timer Y, Z waveform output control register in timer mode
Timer Y, Z mode register
Symbol
Address
When reset
TYZMR
008016
000000X02
Bit name
Function
Bit symbol
W
R
b7
b6 b5
b4
b3
b2
b1 b0
0 0 : Timer mode
TZMOD1
TYS
TYWC
TYMOD0
TZMOD0
Nothing is assigned.
When write, set "0". When read, the content is "0".
Timer Y-related bit
Note 1: When this bit is cleared to "0", the timer reloads the content of the reload register
before it stops. Read out the count value before you stop the timer.
Note 2: At the TZWC bit is "0", when you write in the prescaler Z while the timer Z is
counting,the timer Z reload content of the timer Z reload register.
Timer Y-related bits
TZWC
TZS
0 : Stops counting
1 : Starts counting
Timer Z count
start flag
Timer Z operation
mode bit
b5 b4
Timer Z write
control bit
0 : Write to timer and reload register
simultaneously
1 : Write to reload register
(Note 1)
0
0
(Note 2)
Bit name
Function
Bit symbol
Timer Y-related bits
TYPUM1
TYPUM0
TZPUM0
TYOPL
TZPUM1
TZOPL
INOSEG
INOSTG
INT0 pin one-shot
trigger polarity select bit
Timer Z output level
latch
W
R
Timer Y, Z waveform output control register
Symbol
Address
When reset
PUM
008416
0016
b7
b6
b5 b4
b3
b2
b1
b0
Timer Z primary
waveform extension
control bit
Timer Z secondary
waveform extension
control bit
Timer Y-related bit
INT0 pin one-shot
trigger control bit
Invalid in timer mode
Invalid in timer mode
Invalid in timer mode
Invalid in timer mode
Invalid in timer mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com