Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30102 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # M30102
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30102 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button M30102 Datasheet HTML 69Page - Renesas Technology Corp M30102 Datasheet HTML 70Page - Renesas Technology Corp M30102 Datasheet HTML 71Page - Renesas Technology Corp M30102 Datasheet HTML 72Page - Renesas Technology Corp M30102 Datasheet HTML 73Page - Renesas Technology Corp M30102 Datasheet HTML 74Page - Renesas Technology Corp M30102 Datasheet HTML 75Page - Renesas Technology Corp M30102 Datasheet HTML 76Page - Renesas Technology Corp M30102 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 164 page
background image
Under
development
Tentative Specifications REV.E1
Specifications in this manual are tentative and subject to change.
Mitsubishi microcomputers
M30100/M30102 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Timer Y
72
Timer Y, Z output control register
Symbol
Address
When reset
TYZOC
008A16
XXXXX0002
Bit name
Function
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
TZOCNT
TYOCNT
TZOS
Nothing is assigned.
When write, set "0". When read, their contents are "0".
Timer Z one-shot
start bit
Timer Y programmable
waveform generation
output switching bit
0 : Outputs programmable waveform
1 : Outputs the value of P32 port register
0 : Outputs programmable waveform
1 : Outputs the value of P31 port register
0 : Stops one-shot
1 : Starts one-shot
Timer Z programmable
waveform generation
output switching bit
(Note 2)
(Note 2)
Note 1: The timer Z one-shot start bit is automatically cleared to "0" when the output of
one-shot waveform is completed. The timer Z one-shot start bit should be set to "0" by
program when the one-shot waveform output is terminated by setting the count
start flag to "0" during the wave form output.
Note 2: The timer Y/Z programmable waveform generaton output switching bit is valid only
when operating in programmable waveform generation mode.
(Note 1)
Figure 1.14.15. Timer Y-related registers (2)
Timer Y Secondary
Symbol
Address
When reset
PREY
008116
FF16
b7
b0
W
R
• Timer mode
Internal count source is counted
Function
Values that can be set
Prescaler Y
0016 to FF16
• Programmable waveform generation mode
Internal count source is counted
0016 to FF16
(Note)
Note: When using the waveform extend function, set the value "0016" for the
Prescaler Y.
Symbol
Address
When reset
TYSC
008216
FF16
b7
b0
W
R
• Timer mode
Invalid
Function
Values that can be set
• Programmable waveform generation mode
Underflow of Prescaler Y is counted
0016 to FF16
(Note 1)
Note 1: The values of Timer Y Primary and Timer Y Secondary are reloaded to the
Timer Y alternately for counting.
Note 2: The count value can be read out by reading the Timer Y Primary even when
the secondary period is being counted.
Timer Y Primary
Symbol
Address
When reset
TYPR
008316
FF16
b7
b0
W
R
• Timer mode
Underflow of Prescaler Y is counted
Function
Values that can be set
0016 to FF16
• Programmable waveform generation mode
Underflow of Prescaler Y is counted
0016 to FF16
(Note)
Note: The values of Timer Y Primary and Timer Y Secondary are reloaded to the
Timer Y alternately for counting.
(Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com