Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMRF1306H Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MMRF1306H
Description  RF Power LDMOS Transistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1306H Datasheet(HTML) 3 Page - NXP Semiconductors

  MMRF1306H Datasheet HTML 1Page - NXP Semiconductors MMRF1306H Datasheet HTML 2Page - NXP Semiconductors MMRF1306H Datasheet HTML 3Page - NXP Semiconductors MMRF1306H Datasheet HTML 4Page - NXP Semiconductors MMRF1306H Datasheet HTML 5Page - NXP Semiconductors MMRF1306H Datasheet HTML 6Page - NXP Semiconductors MMRF1306H Datasheet HTML 7Page - NXP Semiconductors MMRF1306H Datasheet HTML 8Page - NXP Semiconductors MMRF1306H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MMRF1306HR5 MMRF1306HSR5
3
RF Device Data
Freescale Semiconductor, Inc.
Table 4. Electrical Characteristics (TA =25C unless otherwise noted) (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Functional Tests (In Freescale Test Fixture, 50 ohm system) VDD =50 Vdc, IDQ = 100 mA, Pout = 1250 W Peak (250 W Avg.),
f = 230 MHz, 100 sec Pulse Width, 20% Duty Cycle
Power Gain
Gps
23.0
24.0
26.0
dB
Drain Efficiency
D
72.5
74.0
—
%
Input Return Loss
IRL
—
--14
--10
dB
Table 5. Load Mismatch/Ruggedness (In Freescale Test Fixture, 50 ohm system) IDQ = 100 mA
Frequency
(MHz)
Signal Type
VSWR
Pout
(W)
Test Voltage, VDD
Result
230
Pulse
(100 sec, 20% Duty Cycle)
>65:1 at all
Phase Angles
1500 Peak
(3 dB Overdrive)
50
No Device Degradation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com