Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMRF1306H Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MMRF1306H
Description  RF Power LDMOS Transistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1306H Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MMRF1306H Datasheet HTML 2Page - NXP Semiconductors MMRF1306H Datasheet HTML 3Page - NXP Semiconductors MMRF1306H Datasheet HTML 4Page - NXP Semiconductors MMRF1306H Datasheet HTML 5Page - NXP Semiconductors MMRF1306H Datasheet HTML 6Page - NXP Semiconductors MMRF1306H Datasheet HTML 7Page - NXP Semiconductors MMRF1306H Datasheet HTML 8Page - NXP Semiconductors MMRF1306H Datasheet HTML 9Page - NXP Semiconductors MMRF1306H Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
RF Device Data
Freescale Semiconductor, Inc.
MMRF1306HR5 MMRF1306HSR5
TYPICAL CHARACTERISTICS
50
10
2000
020
10
VDS, DRAIN--SOURCE VOLTAGE (VOLTS)
Figure 4. Capacitance versus Drain--Source Voltage
30
Ciss
1000
100
40
Coss
Measured with 30 mV(rms)ac @ 1 MHz
VGS =0 Vdc
Note: Each side of device measured separately.
1
59
66
35
Pin, INPUT POWER (dBm) PEAK
Figure 5. Output Power versus Input Power
64
36
37
38
39
40
41
42
63
60
Actual
Ideal
VDD =50 Vdc,IDQ = 100 mA, f = 230 MHz
Pulse Width = 100 sec, 20% Duty Cycle
P1dB = 61.3 dBm
(1333 W)
62
61
65
P3dB = 61.9 dBm (1553 W)
P2dB = 61.7 dBm (1472 W)
26
30
90
100
24
70
50
Pout, OUTPUT POWER (WATTS) PEAK
Figure 6. Power Gain and Drain Efficiency
versus Output Power
22
20
2000
21
40
60
80
23
25
16
23
0
20
19
Pout, OUTPUT POWER (WATTS) PEAK
Figure 7. Power Gain versus Output Power
200
18
1400 1600
17
400
800
1000
1200
VDD =30 V
50 V
21
22
25
24
26
600
35 V
40 V
45 V
20
90
0
Pout, OUTPUT POWER (WATTS) PEAK
Figure 8. Drain Efficiency versus Output Power
70
200
400
600
800
1000
1200
1400
60
30
50
40
80
1600
Figure 9. Power Gain and Drain Efficiency versus
Output Power
Pout, OUTPUT POWER (WATTS) PEAK
19
21
20
100
2000
D
25_C
TC =--30_C
85_C
Gps
40
60
50
20
30
--30_C
25_C
85_C
VDD =30 V
50 V
35 V
40 V
45 V
24
23
22
26
25
70
80
90
Crss
1000
D
Gps
VDD =50 Vdc,IDQ = 100 mA, f = 230 MHz
Pulse Width = 100 sec, 20% Duty Cycle
2000
1000
IDQ = 100 mA, f = 230 MHz
Pulse Width = 100 sec, 20% Duty Cycle
IDQ = 100 mA, f = 230 MHz
Pulse Width = 100 sec, 20% Duty Cycle
VDD =50 Vdc,IDQ = 100 mA, f = 230 MHz
Pulse Width = 100 sec, 20% Duty Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com