Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMRF1306H Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MMRF1306H
Description  RF Power LDMOS Transistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1306H Datasheet(HTML) 1 Page - NXP Semiconductors

  MMRF1306H Datasheet HTML 1Page - NXP Semiconductors MMRF1306H Datasheet HTML 2Page - NXP Semiconductors MMRF1306H Datasheet HTML 3Page - NXP Semiconductors MMRF1306H Datasheet HTML 4Page - NXP Semiconductors MMRF1306H Datasheet HTML 5Page - NXP Semiconductors MMRF1306H Datasheet HTML 6Page - NXP Semiconductors MMRF1306H Datasheet HTML 7Page - NXP Semiconductors MMRF1306H Datasheet HTML 8Page - NXP Semiconductors MMRF1306H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MMRF1306HR5 MMRF1306HSR5
1
RF Device Data
Freescale Semiconductor, Inc.
RF Power LDMOS Transistors
High Ruggedness N--Channel
Enhancement--Mode Lateral MOSFETs
These high ruggedness devices are designed for use in high VSWR CW or
pulse applications, such as HF, VHF, and low--band UHF radar and high power
radio communications. They are unmatched input and output designs allowing
wide frequency utilization from 1.8 to 600 MHz.
 Typical Performance: VDD =50 Vdc,IDQ = 100 mA
Signal Type
Pout
(W)
f
(MHz)
Gps
(dB)
D
(%)
Pulse
(100 sec, 20% Duty Cycle)
1250 Peak
230
24.0
74.0
CW
1250 CW
230
22.9
74.6
Application Circuits (1) — Typical Performance
Frequency
(MHz)
Signal Type
Pout
(W)
Gps
(dB)
D
(%)
27
CW
1300
27
81
40
CW
1300
26
85
81.36
CW
1250
27
84
87.5--108
CW
1100
24
80
144--148
CW
1250
26
78
170--230
DVB--T
225
25
30
352
Pulse
(200 sec,
20% Duty Cycle)
1250
21.5
66
352
CW
1150
20.5
68
500
CW
1000
18
58
1. Contact your local Freescale sales office for additional information on specific
circuit designs.
Load Mismatch/Ruggedness
Frequency
(MHz)
Signal Type
VSWR
Pout
(W)
Test
Voltage
Result
230
Pulse
(100 sec, 20%
Duty Cycle)
>65:1 at all
Phase Angles
1500 Peak
(3 dB
Overdrive)
50
No Device
Degradation
Features
 Unmatched Input and Output Allowing Wide Frequency Range Utilization
 Device can be used Single--Ended or in a Push--Pull Configuration
 Qualified Up to a Maximum of 50 VDD Operation
 Characterized from 30 V to 50 V for Extended Power Range
 Suitable for Linear Application with Appropriate Biasing
 Integrated ESD Protection with Greater Negative Gate--Source Voltage Range
for Improved Class C Operation
 Characterized with Series Equivalent Large--Signal Impedance Parameters
 In Tape and Reel. R5 Suffix = 50 Units, 56 mm Tape Width, 13--inch Reel.
Document Number: MMRF1306H
Rev. 1, 8/2014
Freescale Semiconductor
Technical Data
1.8–600 MHz, 1250 W CW, 50 V
WIDEBAND
RF POWER LDMOS TRANSISTORS
MMRF1306HR5
MMRF1306HSR5
Figure 1. Pin Connections
NI--1230H--4S
MMRF1306HR5
NI--1230S--4S
MMRF1306HSR5
Note: The backside of the package is the
source terminal for the transistors.
(Top View)
Drain A
31
42 Drain B
Gate A
Gate B
 Freescale Semiconductor, Inc., 2013–2014. All rights reserved.


Similar Part No. - MMRF1306H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMRF1304GNR1 NXP-MMRF1304GNR1 Datasheet
462Kb / 16P
RF Power LDMOS Transistors
Rev. 0, 12/2013
MMRF1304L NXP-MMRF1304L Datasheet
384Kb / 12P
RF Power LDMOS Transistor
Rev. 0, 12/2013
MMRF1304LR5 NXP-MMRF1304LR5 Datasheet
384Kb / 12P
RF Power LDMOS Transistor
Rev. 0, 12/2013
MMRF1304N NXP-MMRF1304N Datasheet
462Kb / 16P
RF Power LDMOS Transistors
Rev. 0, 12/2013
MMRF1304NR1 NXP-MMRF1304NR1 Datasheet
462Kb / 16P
RF Power LDMOS Transistors
Rev. 0, 12/2013
More results

Similar Description - MMRF1306H

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRFE6VP100H FREESCALE-MRFE6VP100H Datasheet
1Mb / 20P
RF Power LDMOS Transistors
logo
NXP Semiconductors
MMRF1305H NXP-MMRF1305H Datasheet
1,019Kb / 20P
RF Power LDMOS Transistors
Rev. 0, 12/2013
MMRF1312H NXP-MMRF1312H Datasheet
428Kb / 15P
RF Power LDMOS Transistors
Rev. 0, 3/2016
AFV09P350-04N NXP-AFV09P350-04N Datasheet
505Kb / 20P
RF Power LDMOS Transistors
Rev. 0, 1/2014
AFV10700H NXP-AFV10700H Datasheet
709Kb / 19P
RF Power LDMOS Transistors
Rev. 1, 01/2018
MRF8VP13350N NXP-MRF8VP13350N Datasheet
807Kb / 23P
RF Power LDMOS Transistors
Rev. 2, 02/2017
MRFE6VP61K25N NXP-MRFE6VP61K25N Datasheet
1Mb / 22P
RF Power LDMOS Transistors
Rev. 2, 4/2015
MRFE8VP8600H NXP-MRFE8VP8600H Datasheet
335Kb / 14P
RF Power LDMOS Transistors
Rev. 1, 08/2017
MRF101AN NXP-MRF101AN Datasheet
841Kb / 41P
RF Power LDMOS Transistors
Rev. 1, 05/2019
MRFX600H NXP-MRFX600H Datasheet
634Kb / 20P
RF Power LDMOS Transistors
Rev. 0, 09/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com