Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMRF1306H Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MMRF1306H
Description  RF Power LDMOS Transistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1306H Datasheet(HTML) 4 Page - NXP Semiconductors

  MMRF1306H Datasheet HTML 1Page - NXP Semiconductors MMRF1306H Datasheet HTML 2Page - NXP Semiconductors MMRF1306H Datasheet HTML 3Page - NXP Semiconductors MMRF1306H Datasheet HTML 4Page - NXP Semiconductors MMRF1306H Datasheet HTML 5Page - NXP Semiconductors MMRF1306H Datasheet HTML 6Page - NXP Semiconductors MMRF1306H Datasheet HTML 7Page - NXP Semiconductors MMRF1306H Datasheet HTML 8Page - NXP Semiconductors MMRF1306H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
RF Device Data
Freescale Semiconductor, Inc.
MMRF1306HR5 MMRF1306HSR5
Figure 2. MMRF1306HR5(HSR5) 230 MHz Production Test Circuit Component Layout — Pulse
--
--
C10
C11 C12
C13
R1
C1
C2
C3
C4
L1
C5
L2
R2
C9
C7 C8
C6
COAX2
COAX1
COAX4
COAX3
C14
C22
C23
C24
C21
L3
C15
C16
C17
C18
C19
C20
C26
C27
C28
L4
C25
Table 6. MMRF1306HR5(HSR5) 230 MHz Production Test Circuit Component Designations and Values — Pulse
Part
Description
Part Number
Manufacturer
C1
20 pF Chip Capacitor
ATC100B200JT500XT
ATC
C2, C3, C5
27 pF Chip Capacitors
ATC100B270JT500XT
ATC
C4
0.8--8.0 pF Variable Capacitor, Gigatrim
27291SL
Johanson
C6, C10
22 F, 35 V Tantalum Capacitors
T491X226K035AT
Kemet
C7, C11
0.1 F Chip Capacitors
CDR33BX104AKYS
AVX
C8, C12
220 nF Chip Capacitors
C1812C224K5RACTU
Kemet
C9, C13, C21, C25
1000 pF Chip Capacitors
ATC100B102JT50XT
ATC
C14
43 pF Chip Capacitor
ATC100B430JT500XT
ATC
C15
75 pF Metal Mica
MIN02--002EC750J--F
CDE
C16, C17, C18, C19
240 pF Chip Capacitors
ATC100B241JT200XT
ATC
C20
6.2 pF Chip Capacitor
ATC100B6R2BT500XT
ATC
C22, C23, C24, C26, C27, C28
470 F, 63 V Electrolytic Capacitors
MCGPR63V477M13X26--RH
Multicomp
Coax1, 2, 3, 4
25  Semi Rigid Coax, 2.2 Shield Length
UT--141C--25
Micro--Coax
L1, L2
5 nH Inductors
A02TKLC
Coilcraft
L3, L4
6.6 nH Inductors
GA3093--ALC
Coilcraft
R1, R2
10  Chip Resistors
CRCW120610R0JNEA
Vishay
PCB
0.030, r =2.55
AD255A
Arlon



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com