Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-RSC-24UC Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # PLC-RSC-24UC
Description  The illustration shows the version PLC-RSC- 24DC/21-21
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RSC-24UC Datasheet(HTML) 3 Page - PHOENIX CONTACT

  PLC-RSC-24UC Datasheet HTML 1Page - PHOENIX CONTACT PLC-RSC-24UC Datasheet HTML 2Page - PHOENIX CONTACT PLC-RSC-24UC Datasheet HTML 3Page - PHOENIX CONTACT PLC-RSC-24UC Datasheet HTML 4Page - PHOENIX CONTACT PLC-RSC-24UC Datasheet HTML 5Page - PHOENIX CONTACT PLC-RSC-24UC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PLC-RSC- 24UC/21-21 Order No.: 2967073
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2967073
PHOENIX CONTACT Deutschland GmbH
Page 3 / 6
http://www.phoenixcontact.de
Aug 19, 2011
Standards/regulations
IEC 60664
EN 50178
IEC 62103
Rated surge voltage / insulation
6 kV / Basic isolation
Pollution degree
2
Surge voltage category
III
Mounting position
Any
Assembly instructions
In rows with zero spacing
Connection data
Connection method
Screw connection
Conductor cross section solid min.
0.14 mm²
Conductor cross section solid max.
2.5 mm²
Conductor cross section stranded min.
0.14 mm²
Conductor cross section stranded max.
2.5 mm²
Conductor cross section AWG/kcmil min.
26
Conductor cross section AWG/kcmil max
14
Stripping length
8 mm
Screw thread
M3
Certificates / Approvals
Certification
CUL, CUL Listed, GL, GOST, UL, UL Listed
Accessories
Item
Designation
Description
Assembly
0801762
NS 35/ 7,5 CU UNPERF
2000MM
DIN rail, material: Copper, unperforated, height 7.5 mm, width 35
mm, length: 2 m
0801733
NS 35/ 7,5 PERF 2000MM
DIN rail, material: steel galvanized and passivated with a thick
layer, perforated, height 7.5 mm, width 35 mm, length: 2000 mm
0801681
NS 35/ 7,5 UNPERF 2000MM
DIN rail, material: Steel, unperforated, height 7.5 mm, width 35
mm, length: 2 m



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com