Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-RSC-24UC Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # PLC-RSC-24UC
Description  The illustration shows the version PLC-RSC- 24DC/21-21
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RSC-24UC Datasheet(HTML) 4 Page - PHOENIX CONTACT

  PLC-RSC-24UC Datasheet HTML 1Page - PHOENIX CONTACT PLC-RSC-24UC Datasheet HTML 2Page - PHOENIX CONTACT PLC-RSC-24UC Datasheet HTML 3Page - PHOENIX CONTACT PLC-RSC-24UC Datasheet HTML 4Page - PHOENIX CONTACT PLC-RSC-24UC Datasheet HTML 5Page - PHOENIX CONTACT PLC-RSC-24UC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PLC-RSC- 24UC/21-21 Order No.: 2967073
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2967073
PHOENIX CONTACT Deutschland GmbH
Page 4 / 6
http://www.phoenixcontact.de
Aug 19, 2011
0801377
NS 35/ 7,5 V2A UNPERF
2000MM
DIN rail, Width: 35 mm, Height: 7.5 mm, Length: 2000 mm,
Color: silver
1201756
NS 35/15 AL UNPERF 2000MM
DIN rail, deep drawn, high profile, unperforated, 1.5 mm thick,
material: aluminum, height 15 mm, width 35 mm, length 2000 mm
1201895
NS 35/15 CU UNPERF 2000MM DIN rail, material: Copper, unperforated, 1.5 mm thick, height 15
mm, width 35 mm, length: 2 m
1201730
NS 35/15 PERF 2000MM
DIN rail, material: steel galvanized and passivated with a thick
layer, perforated, height 15 mm, width 35 mm, length: 2000 mm
1201714
NS 35/15 UNPERF 2000MM
DIN rail, material: Steel, unperforated, height 15 mm, width 35
mm, length: 2 m
1201798
NS 35/15-2,3 UNPERF 2000MM DIN rail, material: Steel, unperforated, 2.3 mm thick, height 15
mm, width 35 mm, length: 2 m
2966841
PLC-ATP BK
Separating plate, 2 mm thick, required at the start and end of a
PLC terminal strip. Furthermore, it is used for: visual separation
of groups, safe isolation of different voltages of neighboring PLC
relays in acc. with DIN VDE 0106-101, isolation
Bridges
2966812
FBST 6-PLC BU
Single plug-in bridge, Length: 6 mm, Number of positions: 2,
Color: blue
2966825
FBST 6-PLC GY
Single plug-in bridge, Length: 6 mm, Number of positions: 2,
Color: gray
2966236
FBST 6-PLC RD
Single plug-in bridge, Length: 6 mm, Number of positions: 2,
Color: red
2967688
FBST 8-PLC GY
Single plug-in bridge, Length: 8 mm, Number of positions: 2,
Color: gray
2967691
FBST 14-PLC BK
Single plug-in bridge, Length: 14 mm, Number of positions: 2,
Color: black
2966692
FBST 500-PLC BU
Continuous plug-in bridge, Length: 500 mm, Color: blue
2966838
FBST 500-PLC GY
Continuous plug-in bridge, Length: 500 mm, Color: gray
2966786
FBST 500-PLC RD
Continuous plug-in bridge, Length: 500 mm, Color: red
General
2967028
PLC-BSC- 24UC/21-21
14 mm PLC basic terminal blocks with screw connection method,
input voltage 24 V AC/DC(without relay or optocoupler)
2966508
PLC-ESK GY
Power terminal block, for the input of up to four potentials, for
mounting on NS 35/7.5
2961192
REL-MR- 24DC/21-21
Pluggable miniature relays, with power contact, 2 PDT, input
voltage 24 V DC
Marking
1053001
ZB 10:UNBEDRUCKT
Zack strip, unprinted: 10-section, for individual labeling with M-
PEN, ZB-T or CMS system, sufficient for 100 terminal blocks, for a
terminal width of 10.2 mm, color: White



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com