Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-RSC-24UC Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # PLC-RSC-24UC
Description  The illustration shows the version PLC-RSC- 24DC/21-21
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RSC-24UC Datasheet(HTML) 5 Page - PHOENIX CONTACT

  PLC-RSC-24UC Datasheet HTML 1Page - PHOENIX CONTACT PLC-RSC-24UC Datasheet HTML 2Page - PHOENIX CONTACT PLC-RSC-24UC Datasheet HTML 3Page - PHOENIX CONTACT PLC-RSC-24UC Datasheet HTML 4Page - PHOENIX CONTACT PLC-RSC-24UC Datasheet HTML 5Page - PHOENIX CONTACT PLC-RSC-24UC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PLC-RSC- 24UC/21-21 Order No.: 2967073
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2967073
PHOENIX CONTACT Deutschland GmbH
Page 5 / 6
http://www.phoenixcontact.de
Aug 19, 2011
1053014
ZB10,LGS:FORTL.ZAHLEN
Zack strip, 10-section, printed horizontally: with the numbers,
1-10, 11-20 etc. up to 991-1000, color: white
5060883
ZB10/WH-100:UNBEDRUCKT
Zack strip, unprinted: 10-section, for individual labeling with M-
PEN, ZB-T or CMS system, large batch, sufficient for labeling
1000 terminal blocks, for a terminal width of 10.2 mm, color: White
Tools
1204517
SZF 1-0,6X3,5
Actuation tool, for ST terminal blocks, also suitable for use as a
bladed screwdriver, size: 0.6 x 3.5 x 100 mm, 2-component grip,
with non-slip grip
Diagrams/Drawings
Diagram
Interrupting rating
Circuit diagram



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com