Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-RSC-24UC Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # PLC-RSC-24UC
Description  The illustration shows the version PLC-RSC- 24DC/21-21
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RSC-24UC Datasheet(HTML) 2 Page - PHOENIX CONTACT

  PLC-RSC-24UC Datasheet HTML 1Page - PHOENIX CONTACT PLC-RSC-24UC Datasheet HTML 2Page - PHOENIX CONTACT PLC-RSC-24UC Datasheet HTML 3Page - PHOENIX CONTACT PLC-RSC-24UC Datasheet HTML 4Page - PHOENIX CONTACT PLC-RSC-24UC Datasheet HTML 5Page - PHOENIX CONTACT PLC-RSC-24UC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PLC-RSC- 24UC/21-21 Order No.: 2967073
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2967073
PHOENIX CONTACT Deutschland GmbH
Page 2 / 6
http://www.phoenixcontact.de
Aug 19, 2011
Typical response time
8 ms
Typical release time
10 ms
Operating voltage display
Yellow LED
Protective circuit
Bridge rectifier Bridge rectifier
Contact side
Contact type
Single contact, 2-PDT
Contact material
AgNi
Maximum switching voltage
250 V AC/DC (The separating plate PLC-ATP should be installed
for voltages larger than 250 V (L1, L2, L3) between identical
terminal blocks in adjacent modules. Potential bridging is then
carried out with FBST 8-PLC... or ...FBST 500...)
Minimum switching voltage
5 V AC/DC (at 10 mA)
Maximum inrush current
15 A (300 ms)
Min. switching current
10 mA (At 5 V)
Limiting continuous current
6 A
Interrupting rating (ohmic load) max.
140 W (at 24 V DC)
85 W (for 48 V DC)
60 W (for 60 V DC)
44 W (for 110 V DC)
60 W (for 220 V DC)
1500 VA (for 250 V AC)
General data
Width
14 mm
Height
80 mm
Depth
94 mm
Test voltage relay winding/relay contact
4 kV AC (50 Hz, 1 min.)
Test voltage PDT/PDT
2.5 kV AC (50 Hz, 1 min.)
Ambient temperature (operation)
-40 °C ... 60 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Operating mode
100% operating factor
Mechanical service life
3 x 107 cycles
Inflammability class acc. to UL 94
V0
Name
Standards/regulations



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com