Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-RSC-125DC Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # PLC-RSC-125DC
Description  PLC relay, consisting of basic terminal block PLC-BSC.../21 with screw connection and pluggable miniature relay with power contact, for assembly on DIN rail NS 35/7.5, 1 PDT, input voltage 125 V DC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RSC-125DC Datasheet(HTML) 3 Page - PHOENIX CONTACT

  PLC-RSC-125DC Datasheet HTML 1Page - PHOENIX CONTACT PLC-RSC-125DC Datasheet HTML 2Page - PHOENIX CONTACT PLC-RSC-125DC Datasheet HTML 3Page - PHOENIX CONTACT PLC-RSC-125DC Datasheet HTML 4Page - PHOENIX CONTACT PLC-RSC-125DC Datasheet HTML 5Page - PHOENIX CONTACT PLC-RSC-125DC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PLC-RSC-125DC/21 Order No.: 2980021
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2980021
PHOENIX CONTACT Inc., USA
Page 3 / 6
http://www.phoenixcon.com
Aug 19, 2011
Conductor cross section AWG/kcmil min.
26
Conductor cross section AWG/kcmil max
14
Stripping length
8 mm
Screw thread
M3
Certificates / Approvals
Certification
CUL, GL, GOST, UL
Accessories
Item
Designation
Description
Assembly
0801762
NS 35/ 7,5 CU UNPERF
2000MM
DIN rail, material: Copper, unperforated, height 7.5 mm, width 35
mm, length: 2 m
0801733
NS 35/ 7,5 PERF 2000MM
DIN rail, material: steel galvanized and passivated with a thick
layer, perforated, height 7.5 mm, width 35 mm, length: 2000 mm
0801681
NS 35/ 7,5 UNPERF 2000MM
DIN rail, material: Steel, unperforated, height 7.5 mm, width 35
mm, length: 2 m
0801377
NS 35/ 7,5 V2A UNPERF
2000MM
DIN rail, Width: 35 mm, Height: 7.5 mm, Length: 2000 mm,
Color: silver
1201756
NS 35/15 AL UNPERF 2000MM
DIN rail, deep drawn, high profile, unperforated, 1.5 mm thick,
material: aluminum, height 15 mm, width 35 mm, length 2000 mm
1201895
NS 35/15 CU UNPERF 2000MM DIN rail, material: Copper, unperforated, 1.5 mm thick, height 15
mm, width 35 mm, length: 2 m
1201730
NS 35/15 PERF 2000MM
DIN rail, material: steel galvanized and passivated with a thick
layer, perforated, height 15 mm, width 35 mm, length: 2000 mm
1201714
NS 35/15 UNPERF 2000MM
DIN rail, material: Steel, unperforated, height 15 mm, width 35
mm, length: 2 m
1201798
NS 35/15-2,3 UNPERF 2000MM DIN rail, material: Steel, unperforated, 2.3 mm thick, height 15
mm, width 35 mm, length: 2 m
2966841
PLC-ATP BK
Separating plate, 2 mm thick, required at the start and end of a
PLC terminal strip. Furthermore, it is used for: visual separation
of groups, safe isolation of different voltages of neighboring PLC
relays in acc. with DIN VDE 0106-101, isolation



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com