Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-RSC-125DC Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # PLC-RSC-125DC
Description  PLC relay, consisting of basic terminal block PLC-BSC.../21 with screw connection and pluggable miniature relay with power contact, for assembly on DIN rail NS 35/7.5, 1 PDT, input voltage 125 V DC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RSC-125DC Datasheet(HTML) 1 Page - PHOENIX CONTACT

  PLC-RSC-125DC Datasheet HTML 1Page - PHOENIX CONTACT PLC-RSC-125DC Datasheet HTML 2Page - PHOENIX CONTACT PLC-RSC-125DC Datasheet HTML 3Page - PHOENIX CONTACT PLC-RSC-125DC Datasheet HTML 4Page - PHOENIX CONTACT PLC-RSC-125DC Datasheet HTML 5Page - PHOENIX CONTACT PLC-RSC-125DC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 6
http://www.phoenixcon.com
Aug 19, 2011
Extract from the online
catalog
 
PLC-RSC-125DC/21
Order No.: 2980021
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2980021
 
 
PLC relay, consisting of basic terminal block PLC-BSC.../21 with screw
connection and pluggable miniature relay with power contact, for
assembly on DIN rail NS 35/7.5, 1 PDT, input voltage 125 V DC
 
Commercial data
GTIN (EAN)
4
017918
608446
sales group
G220
Pack
10 pcs.
Customs tariff
85364900
Product notes
WEEE/RoHS-compliant since:
01/23/2006
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Coil side
Nominal input voltage UN
125 V DC
Contact side
Contact type
Single contact, 1-PDT


Similar Part No. - PLC-RSC-125DC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PLC-RSC-120UC PHOENIX-PLC-RSC-120UC Datasheet
57Kb / 3P
Please be informed that the data shown in this PDF Document is generated from our Online Catalog.
logo
List of Unclassifed Man...
PLC-RSC-120UC/21-21 ETC2-PLC-RSC-120UC/21-21 Datasheet
140Kb / 8P
PLC relay, consisting of base terminal block PLCBSC
logo
PHOENIX CONTACT
PLC-RSC-12DC PHOENIX-PLC-RSC-12DC Datasheet
111Kb / 9P
PLC-INTERFACE, consisting of DIN rail-mountable basic terminal block with screw connection and plug-in miniature relay with power contact, 2 PDTs, input voltage: 12 V DC, UL/cUL: approved for use in Ex Zone Class I, Div. 2
More results

Similar Description - PLC-RSC-125DC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PLC-RPIT-12DC PHOENIX-PLC-RPIT-12DC Datasheet
186Kb / 7P
PLC interface, consisting of PLC-BPIT.../21 basic terminal block with Push-In connection and pluggable miniature relay with power contact, for assembly on DIN rail NS 35/7.5, 1 PDT, input voltage 12 V DC
PLC-RPIT-24DC PHOENIX-PLC-RPIT-24DC Datasheet
169Kb / 7P
PLC actuator interface, consisting of PLC-BPIT...ACT basic terminal block with Push-In connection and pluggable miniature relay with power contact, for assembly on DIN rail NS 35/7.5, 1 N/O contact, input voltage 24 V DC
PLC-RPIT-24UC PHOENIX-PLC-RPIT-24UC Datasheet
186Kb / 7P
PLC interface, consisting of PLC-BPIT.../21 basic terminal block with Push-In connection and pluggable miniature relay with power contact, for assembly on DIN rail NS 35/7.5, 1 PDT, input voltage 24 V AC/DC
PLC-RPIT-48DC PHOENIX-PLC-RPIT-48DC Datasheet
162Kb / 7P
PLC interface, consisting of PLC-BPIT.../21 basic terminal block with Push-In connection and pluggable miniature relay with power contact, for assembly on DIN rail NS 35/7.5, 1 PDT, input voltage 48 V DC
PLC-RPIT-60DC PHOENIX-PLC-RPIT-60DC Datasheet
162Kb / 7P
PLC interface, consisting of PLC-BPIT.../21 basic terminal block with Push-In connection and pluggable miniature relay with power contact, for assembly on DIN rail NS 35/7.5, 1 PDT, input voltage 60 V DC
PLC-RPIT-120UC PHOENIX-PLC-RPIT-120UC Datasheet
174Kb / 7P
PLC sensor relay, consisting of PLC-BPIT...SEN basic terminal block with Push-In connection and pluggable miniature relay with multilayer contact, for assembly on DIN rail NS 35/7.5, 1 N/O contact, input voltage 120 V AC / 110 V DC
PLC-RPIT-230UC PHOENIX-PLC-RPIT-230UC Datasheet
146Kb / 7P
PLC interface, consisting of PLC-BPIT.../21 basic terminal block with Push-In connection and pluggable miniature relay with multi-layer contact, for assembly on DIN rail NS 35/7.5, 1 PDT, input voltage 230 V AC/220 V DC
PLC-RPT-24DC PHOENIX-PLC-RPT-24DC Datasheet
110Kb / 7P
PLC-INTERFACE, consisting of PLC-BPT.../21-21 basic terminal block with push-in connection and plug-in miniature relay with power contact, for mounting on NS 35/7,5 DIN rail, 2 PDTs, input voltage 24 V DC
PLC-RSC-36DC PHOENIX-PLC-RSC-36DC Datasheet
75Kb / 4P
PLC-INTERFACE, comprising PLC-BSC.../21 basic terminal block with screw connection and plug-in miniature relay with multi-layer contact, for mounting on NS 35/7.5 DIN rail, 1 PDT, 36 V DC input voltage
PLC-RSC-220DC PHOENIX-PLC-RSC-220DC Datasheet
69Kb / 4P
PLC-INTERFACE, consisting of PLC-BSC.../21 basic terminal block with screw connection and plug-in miniature relay with multi-layer gold contact, for mounting on DIN rail NS 35/7,5, 1 PDT, input voltage 220 V DC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com